Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLC4550 Datasheet(PDF) 6 Page - Exar Corporation

Part # CLC4550
Description  Low Power, Low Offset, 2V to 36V Comparators
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

CLC4550 Datasheet(HTML) 6 Page - Exar Corporation

Back Button CLC4550 Datasheet HTML 2Page - Exar Corporation CLC4550 Datasheet HTML 3Page - Exar Corporation CLC4550 Datasheet HTML 4Page - Exar Corporation CLC4550 Datasheet HTML 5Page - Exar Corporation CLC4550 Datasheet HTML 6Page - Exar Corporation CLC4550 Datasheet HTML 7Page - Exar Corporation CLC4550 Datasheet HTML 8Page - Exar Corporation CLC4550 Datasheet HTML 9Page - Exar Corporation CLC4550 Datasheet HTML 10Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Data Sheet
©2009-2013 Exar Corporation
6/11
Rev 1C
Typical Performance Characteristics
TA = 25°C, Vs = +5V, -Vs = GND unless otherwise noted.
LS Response Time vs. Input Overdrive - Pos. (CLC2550)
LS Response Time vs. Input Overdrive - Pos. (CLC4550)
Response Time vs. Input Overdrive - Negative (CLC2550)
Response Time vs. Input Overdrive - Negative (CLC4550)
Response Time vs. Input Overdrive - Positive (CLC2550)
Response Time vs. Input Overdrive - Positive (CLC4550)
-0.5
1
2.5
4
5.5
7
-0.05
0
0.05
0.1
0.15
0.2
0
0.4
0.8
1.2
1.6
2
Time (us)
5mV Overdrive
10mV Overdrive
20mV Overdrive
50mV Overdrive
Input
-0.5
1
2.5
4
5.5
7
-0.05
0
0.05
0.1
0.15
0.2
0
0.4
0.8
1.2
1.6
2
Time (us)
5mV Overdrive
10mV Overdrive
20mV Overdrive
50mV Overdrive
Input
-0.5
1
2.5
4
5.5
7
-0.2
-0.15
-0.1
-0.05
0
0.05
0
0.4
0.8
1.2
1.6
2
Time (us)
5mV Overdrive
10mV Overdrive
20mV Overdrive
50mV Overdrive
Input
-0.5
1
2.5
4
5.5
7
-0.2
-0.15
-0.1
-0.05
0
0.05
0
0.4
0.8
1.2
1.6
2
Time (us)
5mV Overdrive
10mV Overdrive
20mV Overdrive
50mV Overdrive
Input
-0.5
0.5
1.5
2.5
3.5
4.5
5.5
-0.5
0.5
1.5
2.5
3.5
4.5
5.5
0
0.2
0.4
0.6
0.8
1
Time (us)
Output
Input
-0.5
0.5
1.5
2.5
3.5
4.5
5.5
-0.5
0.5
1.5
2.5
3.5
4.5
5.5
0
0.2
0.4
0.6
0.8
1
Time (us)
Output
Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com