Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP508ECF-L Datasheet(PDF) 2 Page - Exar Corporation

Part # SP508ECF-L
Description  Rugged 20Mbps, 8 Channel Multi-Protocol Transceiver with Programmable DCE/DTE and Termination Resistors
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP508ECF-L Datasheet(HTML) 2 Page - Exar Corporation

  SP508ECF-L Datasheet HTML 1Page - Exar Corporation SP508ECF-L Datasheet HTML 2Page - Exar Corporation SP508ECF-L Datasheet HTML 3Page - Exar Corporation SP508ECF-L Datasheet HTML 4Page - Exar Corporation SP508ECF-L Datasheet HTML 5Page - Exar Corporation SP508ECF-L Datasheet HTML 6Page - Exar Corporation SP508ECF-L Datasheet HTML 7Page - Exar Corporation SP508ECF-L Datasheet HTML 8Page - Exar Corporation SP508ECF-L Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
2
ExarCorporation48720KatoRoad,FremontCA,94538•50-668-707•www.exar.comSP508E_00_07242
T
A=-40°Cto+85°CandVCC=+4.75Vto+5.25Vunlessotherwisenoted.TypicalvaluesareforTA=25CandVcc=5V.
PARAMETER
MIN. TYP. MAX. UNITSCONDITIONS
LOGICINPUTS
V
IL
0.8
Volts
V
IH
2.0
Volts
LOGICOUTPUTS
V
OL
0.4
Volts
I
OUT=–3.2mA
V
OH
2.4
Volts
I
OUT=.0mA
V.28DRIVER
DCParameters
Outputs
OpenCircuitVoltage
±5
Volts
perFigure
LoadedVoltage
±5.0
±5
Volts
perFigure2
Short-CircuitCurrent
±00
mA
perFigure4,V
OUT=0V
Power-Off Impedance
300
Ω
per Figure 5
AC Parameters
Outputs
TransitionTime
.5
µs
perFigure6;+3Vto-3V
InstantaneousSlewRate
30
V/µs
perFigure3
PropagationDelay
t
PHL
0.5

5
µs
t
PLH
0.5

5
µs
Max.TransmissionRate
20
230
kbps
V.28RECEIVER
DCParameters
Inputs
Input Impedance
3
7
kΩ
per Figure 7
Open-CircuitBias
+2.0
Volts
perFigure8
HIGHThreshold
.7
3.0
Volts
LOWThreshold
0.8
.2
Volts
ACParameters
PropagationDelay
t
PHL
50
00
500
ns
t
PLH
50
00
500
ns
ABSOLUTEMAXIMUMRATINGS
Thesearestressratingsonlyandfunctionaloperationofthe
deviceattheseratingsoranyotherabovethoseindicatedin
the operation sections of the specifications below is not implied.
Exposuretoabsolutemaximumratingconditionsforextended
periodsoftimemayaffectreliability.
V
CC.................................................................................................+7V
InputVoltages:
Logic................................................ -0.3Vto(V
CC+0.5V)
Drivers.............................................. -0.3Vto(V
CC+0.5V)
Receivers.............................................................±5.5V
OutputVoltages:
Logic................................................ -0.3Vto(V
CC+0.5V)
Drivers....................................................-7.5Vto+2.5V
Receivers......................................... -0.3Vto(V
CC+0.5V)
StorageTemperature..................................................-65°Cto+50°C
PowerDissipation...................................................................520mW
(derate9.0mW/°Cabove+70°C)
PackageDerating:
ø
JA...................................................................52.7°C/W
ø
JC.....................................................................6.5°C/W
STORAGECONSIDERATIONS
Due to the relatively large package size, storage in a low
humidityenvironmentispreferred.Largehighdensityplastic
packagesaremoisturesensitiveandshouldbestoredinDry
VaporBarrierBags.Priortousage,thepartsshouldremain
baggedandstoredbelow40°Cand60%RH.Ifthepartsare
removedfromthebag,theyshouldbeusedwithin48hours
orstoredinanenvironmentatorbelow20%RH.Iftheabove
conditions cannot be followed, the parts should be baked
forfourhoursat25°Cinordertoremovemoisturepriorto
soldering.Exarshipsthe00-pinLQFPinDryVaporBarrier
Bagswithahumidityindicatorcardanddesiccantpack.The
humidityindicatorshouldbebelow30%RH.
ELECTRICALSPECIFICATIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com