Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PRCP-NSMF Datasheet(PDF) 2 Page - Copal Electronics

Part # PRCP-NSMF
Description  Polymer Resettable Circuit Protectors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

PRCP-NSMF Datasheet(HTML) 2 Page - Copal Electronics

  PRCP-NSMF Datasheet HTML 1Page - Copal Electronics PRCP-NSMF Datasheet HTML 2Page - Copal Electronics PRCP-NSMF Datasheet HTML 3Page - Copal Electronics PRCP-NSMF Datasheet HTML 4Page - Copal Electronics PRCP-NSMF Datasheet HTML 5Page - Copal Electronics PRCP-NSMF Datasheet HTML 6Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Automotive electronic control modules
Thermal Derating Chart - I hold (Amps)
Model
Ambient Operating Temperatu re
-40 °C
-20 °C
0 °C
23 °C
40 °C
50 °C
60 °C
70 °C
85 °C
PRCP-NSMF012 0.19 / 0.46 0.17 / 0.41 0.15 / 0.36 0.12 / 0.29 0.11 / 0.27 0.10 / 0.24
0.09 / 0.22 0.08 / 0.19 0.07 / 0.17
PRCP-NSMF020 0.30 / 0.69 0.27 / 0.62 0.24 / 0.55 0.20 / 0.46 0.18 / 0.42 0.16 / 0.38
0.14 / 0.34 0.12 / 0.30 0.11 / 0.25
PRCP-NSMF020/30X
0.30 / 0.60 0.27 / 0.54 0.24 / 0.28 0.20 / 0.40 0.18 / 0.36 0.16 / 0.32
0.14 / 0.28 0.12 / 0.24 0.10 / 0.20
PRCP-NSMF035 0.51 / 1.25 0.46 / 1.16 0.40 / 0.95 0.35 / 0.75 0.30 / 0.70 0.27 / 0.66
0.24 / 0.60 0.22 / 0.55 0.18 / 0.44
PRCP-NSMF035/16X
0.58 / 1.24 0.51 / 1.09 0.44 / 0.94 0.35 / 0.75 0.31 / 0.66 0.28 / 0.60
0.24 / 0.51 0.21 / 0.45 0.16 / 0.34
PRCP-NSMF050 0.76 / 1.52 0.68 / 1.36 0.59 / 1.18 0.50 / 1.00 0.44 / 0.88 0.40 / 0.80
0.35 / 0.70 0.32 / 0.64 0.26 / 0.52
PRCP-NSMF075 1.11 / 2.22 1.00 / 2.00 0.85 / 1.70 0.75 / 1.50 0.67 / 1.34 0.61 / 1.22
0.52 / 1.04 0.50 / 1.00 0.42 / 0.84
PRCP-NSMF110 1.64 / 3.28 1.46 / 2.92 1.30 / 2.60 1.10 / 2.20 0.92 / 1.84 0.83 / 1.66
0.80 / 1.60 0.65 / 1.30 0.52 / 1.04
PRCP-NSMF150 2.20 / 4.40 1.99 / 3.98 1.77 / 3.54 1.50 / 3.00 1.34 / 2.68 1.23 / 2.46
1.10 / 2.20 1.01 / 2.02 0.84 / 1.68
PRCP-NSMF200 2.88 / 5.76 2.61 / 5.22 2.28 / 4.56 2.00 / 4.00 1.80 / 3.60 1.66 / 3.32
1.51 / 3.02 1.39 / 2.78 1.19 / 2.38
PRCP-NSMF Series - Polymer Resettable Circuit Protectors
Typical Time to Trip at 23 ˚C
0.01
0.001
0.1
1
10
100
0.1
1
10
PRCP-NSMF012
PRCP-NSMF110
PRCP-NSMF200
PRCP-NSMF035
PRCP-NSMF050
PRCP-NSMF075
PRCP-NSMF020
PRCP-NSMF150
The Time to Trip curves represent typical performance of a device in a simulated application
environment. Actula performance in specific customer applications may differ from these values due
to the influence of other variables.
How to Order
PRCP - NSMF 020/30 X - 2 C
Designator
Series
NSMF = 1206 Surface Mount
Component
Hold Current, Ihold
012-200 (0.12 Amps - 2.00 Amps)
High Voltage Options
__ = Standard
X = Product Shape
Packaging
Packaged per EIA 481-1
-2 = Tape and Reel
Typical Part Marking
Represents total content. Layout may vary.
STYLE 1 PART
IDENTIFICATION:
PRCP-NSMF012 = 0
PRCP-NSMF020 = 2
PRCP-NSMF035 = 3
PRCP-NSMF050 = 4
PRCP-NSMF075 = 5
PRCP-NSMF110 = 6
PRCP-NSMF150 = 8
PRCP-NSMF200 = A
0
2
BIWEEKLY DATE CODE WILL APPEAR ON THE
PACKAGING LABEL:
WEEK 1 AND 2 = A
WEEK 51 AND 52 = Z
STYLE 2 PART
IDENTIFICATION:
PRCP-NSMF020/30X = 2
PRCP-NSMF035/16X = 3
Product
/16 = 16 Volt Rated
Halogen Free
/30 = 30 Volt Rated
Applications
USB port protection - USB 2.0, 3.0 & OTG
HDMI 1.4 Source protection
PC motherboards - Plug and Play
protection
Mobile phones - Battery and port protection
PDAs / digital cameras
Game console port protection
Specifications are subject to change without notice.
The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time.
Customers should verify actual device performance in their specific applications.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com