Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLE210K Datasheet(PDF) 1 Page - Copal Electronics

Part # SLE210K
Description  Miniature Power Rocker Switches
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

SLE210K Datasheet(HTML) 1 Page - Copal Electronics

  SLE210K Datasheet HTML 1Page - Copal Electronics SLE210K Datasheet HTML 2Page - Copal Electronics SLE210K Datasheet HTML 3Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SLE210K
Miniature Power Rocker Switches
■Features
1. C-US UL , VDE and SEMKO approved products
2. Snap-in panel mounting
3. Compact size is suited for space-saving design.
4. Best suited for power supply of equipment.
5. Dust-proof type
6. 100 A rush current type.
7. Breaking distance is 3 mm or over.
RoHS Compliant
C-US UL
SEMKO
VDE
■ :WLJPÄJH[PVUZ
Rating
Load
Inductive load
Resistive
load
Inrush current
(p.f.=0.6)
125VAC
250VAC
10A
125VAC
10A
250VAC
(p.f.=1.0)
100A
60A
100A
60A
Break current
(p.f.=0.9)
10A
10A
10A
10A
Min.
10mA 5VAC/DC
(Resistive load)
C-ULUS
6A 125VAC
・6A 250VAC
(Resistive load)
Initial contact resistance 20m
Ω max.
(1A 1∼2VDC)
Initial dielectric strength 1500VAC 1 minute
Initial insulation resistance 100M
Ω min
(500VDC)
Electrical life
(cycles) 5,0000 10,000
5,000
10,000
10,000
Operating force
3.92
∼12.7N
Operating temperature range −25∼+85℃
Strage temperature range
−40∼+85℃
■Part Numbering
■Marking Color
Frame color
・Rocker color
Making color
Black
White
フThe black color is standard for the frame and the rocker.
The gray and the ivory colors are also available as custom-made items.
SLE
  2  10  K  2 − 5
Series code
Current
Poles
Switching function
Terminal style
Rocker design
:The combination marked in blue brackets shows made-to-order products.
ON−OFF
K
10 A
10
2-poles
2
2
4
9
11
5
6
7
9
Solder terminal
TAB#187
(t=0.8)
R/A
L/A
VM
■Handling Precautions
:VSKLYPUN:WLJPÄJH[PVUZ
⑴Manual Soldering
Device : Soldering iron
380
℃, Max.; 5 seconds, Max.
 The tab terminals cannot be soldered.
Dust Proof


Similar Part No. - SLE210K

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SLE210K ETC2-SLE210K Datasheet
529Kb / 3P
Miniature Power Rocker Switches
SLE210K ETC2-SLE210K Datasheet
529Kb / 3P
Miniature Power Rocker Switches
SLE210K-5 ETC2-SLE210K-5 Datasheet
529Kb / 3P
Miniature Power Rocker Switches
SLE210K-7 ETC2-SLE210K-7 Datasheet
529Kb / 3P
Miniature Power Rocker Switches
SLE210K11 ETC2-SLE210K11 Datasheet
529Kb / 3P
Miniature Power Rocker Switches
More results

Similar Description - SLE210K

ManufacturerPart #DatasheetDescription
logo
ITT Industries
DM14J72S205Q3 ITT-DM14J72S205Q3 Datasheet
300Kb / 4P
Miniature Illuminated Power Rocker Switches
logo
C&K Components
DM14J72S205Q3 CK-COMPONENTS-DM14J72S205Q3 Datasheet
1Mb / 4P
Miniature Illuminated Power Rocker Switches
DT12J11RS215DQA7 CK-COMPONENTS-DT12J11RS215DQA7 Datasheet
239Kb / 4P
Miniature Power Rocker Switches
logo
List of Unclassifed Man...
SLE210K-5 ETC2-SLE210K-5 Datasheet
529Kb / 3P
Miniature Power Rocker Switches
SLE210K-7 ETC2-SLE210K-7 Datasheet
529Kb / 3P
Miniature Power Rocker Switches
logo
Copal Electronics
ELE COPAL-ELE Datasheet
837Kb / 6P
Miniature Rocker Switches
HLA COPAL-HLA Datasheet
557Kb / 6P
Miniature Rocker Switches
SLE10K COPAL-SLE10K Datasheet
217Kb / 2P
Miniature Power Rocker Switches
SLE6 COPAL-SLE6 Datasheet
297Kb / 4P
Miniature Power Rocker Switches
SL10K COPAL-SL10K Datasheet
221Kb / 2P
Miniature Power Rocker Switches
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com