Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP101 Datasheet(PDF) 1 Page - Copal Electronics

Part # SP101
Description  Pushbutton Switches
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

SP101 Datasheet(HTML) 1 Page - Copal Electronics

  SP101 Datasheet HTML 1Page - Copal Electronics SP101 Datasheet HTML 2Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SP101
Pushbutton Switches
RoHS Compliant
■Features
1. Sharp Tactile Feel
Snap action mechanism provides light tactile feel.
2. Gold-Plated Contacts for Low Current Applications
3. Compatible with PC Board Mount and Snap-in
Panel Mount
4. 3 Types of Terminals
Terminal styles are available in Solder terminal, PC terminal,
and connector socket (EHR-5 from JST).
■Part Numbering
■ Optional Accessories
Part Name
Color Button
Dimension A
φ8
φ10
φ15
Dimension B
7.5
8
10
White
140000481420
140000480082
140000480088
Red
140000481421
140000480083
140000480089
Black
140000481422
140000480081
140000480090
Gray
140000481423
140000480084
140000480091
Green
140000481424
140000480085
140000480092
Blue
140000481425
140000480086
140000480093
Orange
140000481426
140000480087
140000480094
Yellow
140000481427
140000480371
140000480372
■ :WLJPÄJH[PVUZ
Rating
60mA 30VD Max.
Initial contact resistance
50m
Ω max. 
(1.5mA 200μVAC)
Dielectric strength
500VAC 1 minute
Initial insulation resistance 1,000M
Ω min.
(500VDC)
Electrical life
50,000 operations
Operating force
2.94
±0.98N
Operating
temperature range
−20∼+85℃
Storage
temperature range
−40∼+85℃
■Table of Part Numbers
Terminal style
Switching function
OFF
−(ON)
ON
−(ON)
Solder Terminal
★SP101C
★SP101F
PC Straight
−
★SP101F−P
Connector Socket
−
 SP101F−C
SP
1
01
C
−
P
Series
Currents
Solder Terminal
Connector Socket
PC Straight
Poles
Switching function
OFF −(ON)
ON −(ON)
Terminal style
C
F
P
C
1
None
1 pole
A
B
(Polyamide resin)
(ON)
:Momentary.
★:Made to order products.
:Optional Accessories.


Similar Part No. - SP101

ManufacturerPart #DatasheetDescription
logo
Systemsensor advanced i...
SP101 SYSTEMSENSOR-SP101 Datasheet
349Kb / 4P
Speakers
logo
Littelfuse
SP1010 LITTELFUSE-SP1010 Datasheet
957Kb / 6P
3.5pF Unidirectional TVS Array for ESD Protection
logo
List of Unclassifed Man...
SP10100 ETC1-SP10100 Datasheet
57Kb / 2P
10 A Schottky Barrier Rectifiers
logo
SeCoS Halbleitertechnol...
SP10100 SECOS-SP10100 Datasheet
865Kb / 2P
10.0 Amp Schottky Barrier Rectifiers
SP10100 SECOS-SP10100 Datasheet
495Kb / 2P
10.0 Amp Schottky Barrier Rectifiers
More results

Similar Description - SP101

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
5500 E-SWITCH-5500 Datasheet
288Kb / 3P
PUSHBUTTON SWITCHES
700A E-SWITCH-700A Datasheet
570Kb / 3P
PUSHBUTTON SWITCHES
5500 E-SWITCH-5500_1 Datasheet
323Kb / 3P
PUSHBUTTON SWITCHES
LC1257EENP E-SWITCH-LC1257EENP Datasheet
287Kb / 3P
PUSHBUTTON SWITCHES
logo
List of Unclassifed Man...
R13-502MA ETC2-R13-502MA Datasheet
107Kb / 4P
Pushbutton Switches
logo
Copal Electronics
FP_SERIES COPAL-FP_SERIES Datasheet
765Kb / 3P
Pushbutton Switches
MSP COPAL-MSP Datasheet
607Kb / 1P
Pushbutton Switches
logo
C&K Components
F-SERIES CK-COMPONENTS-F-SERIES Datasheet
1Mb / 9P
Pushbutton Switches
29 may 19
F CK-COMPONENTS-F Datasheet
1Mb / 9P
Pushbutton Switches
29 may 19
PS-12G CK-COMPONENTS-PS-12G_V01 Datasheet
888Kb / 8P
Pushbutton Switches
28 Nov 22
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com