Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPB101 Datasheet(PDF) 1 Page - Copal Electronics

Part # SPB101
Description  Detect Switches
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

SPB101 Datasheet(HTML) 1 Page - Copal Electronics

  SPB101 Datasheet HTML 1Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
■Features
1. High contact reliability
The contacts feature the self-cleaning mechanism to ensure
reliable contacting.
2. Long stroke
Total travel of 5mm
3. Snap-in mounting on panel.
4. Connector terminals
9LJVTTLUKLKMLTHSLJVUULJ[VYZHYLZOV^UPU[OLZWLJPÄJH[PVUZ
■Panel Cut-out Dimensions
Panel thickness:1
∼2mm
SPB101
Detect Switches
RoHS Compliant
■Specifications
Contact plating
Silver plated
Gold plated
Rating
Max.
50mA 48VDC
     
(Resistive load)
Min.
0.5mA 20mVDC
(Resistive load) 1μA 20mVDC(Resistive load)
Initial contact resistance
100m
Ω max.   (1.5mA 200μVAC)
Dielectric strength
500VAC 1minute
Insulation resistance 100M
Ω Min.    
   (500VDC)
Electrical life
50,000 operations
Operating force
1.47
∼2.94N
Stroke
5mm
(
(Non-click feeling)
)
Operating temperature range
−25∼+85℃
Recommended connectors
J.S.T MFG CO.,LTD.EHR
−3
(SPB101BG)
EHR-2
(SPB101B-1,SPB101C-1,
SPB101CG-1
)
Part No.
Switchng function
★SPB101BG
ON
(OFF)
★SPB101B − 1
Connecting terminals
1
− 2
−
Circuit diagram
SPB101C
− 1
OFF
(ON)
★SPB101CG − 1
Connecting terminals
−
1
− 2
Circuit diagram
(ON)
,
(OFF): Momentary
★:Made to order products
SPB101BG(Gold plated)
SPB101B
−1(Silver plated)
SPB101C
−1(Silver plated)
SPB101CG
−1(Gold plated)
Female connector EHR-3 J.S.T MFG CO.,LTD.
Female connector EHR-2 J.S.T MFG CO.,LTD.
Part No.marking
1.5
5
14
4.7
24.4
Full stroke
ON area(SPB101B-1)
OFF area(SPB101C-1)
2.22
(5)
(3)
(1)


Similar Part No. - SPB101

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
SPB10100 MICROSEMI-SPB10100 Datasheet
131Kb / 2P
2 X 100A SCHOTTKY BARRIER RECTIFIER
logo
Bourns Electronic Solut...
SPB1012 BOURNS-SPB1012 Datasheet
714Kb / 4P
Power Bead Inductors
Mar 31, 2015
SPB1012-R10Y BOURNS-SPB1012-R10Y Datasheet
714Kb / 4P
Power Bead Inductors
Mar 31, 2015
SPB1012-R12Y BOURNS-SPB1012-R12Y Datasheet
714Kb / 4P
Power Bead Inductors
Mar 31, 2015
SPB1012-R13Y BOURNS-SPB1012-R13Y Datasheet
714Kb / 4P
Power Bead Inductors
Mar 31, 2015
More results

Similar Description - SPB101

ManufacturerPart #DatasheetDescription
logo
ITT Industries
KSM ITT-KSM Datasheet
151Kb / 2P
Side Actuated Detect Switches
logo
C&K Components
KM1202A08BE CK-COMPONENTS-KM1202A08BE Datasheet
164Kb / 3P
Subminiature Detect Switches
KSM CK-COMPONENTS-KSM Datasheet
164Kb / 2P
Side Actuated Detect Switches
logo
Copal Electronics
CF-DA-SERIES COPAL-CF-DA-SERIES Datasheet
235Kb / 2P
Detect Switches
CF-DA COPAL-CF-DA Datasheet
235Kb / 2P
Detect Switches
CL-DA COPAL-CL-DA Datasheet
955Kb / 4P
DETECT SWITCHES
CL-DB COPAL-CL-DB Datasheet
571Kb / 4P
DETECT SWITCHES
logo
C&K Components
KSM1131DLFG CK-COMPONENTS-KSM1131DLFG Datasheet
243Kb / 2P
Side Actuated Detect Switches
ATS CK-COMPONENTS-ATS_V01 Datasheet
280Kb / 3P
Anti-Tampering Detect Switches
3 Sep 20
KSJD CK-COMPONENTS-KSJD Datasheet
224Kb / 2P
Spherical Actuator Detect Switches
29 Jul 21
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com