Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FT51AQ-R Datasheet(PDF) 39 Page - Future Technology Devices International Ltd.

Part # FT51AQ-R
Description  Supports DMA operation
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT51AQ-R Datasheet(HTML) 39 Page - Future Technology Devices International Ltd.

Back Button FT51AQ-R Datasheet HTML 35Page - Future Technology Devices International Ltd. FT51AQ-R Datasheet HTML 36Page - Future Technology Devices International Ltd. FT51AQ-R Datasheet HTML 37Page - Future Technology Devices International Ltd. FT51AQ-R Datasheet HTML 38Page - Future Technology Devices International Ltd. FT51AQ-R Datasheet HTML 39Page - Future Technology Devices International Ltd. FT51AQ-R Datasheet HTML 40Page - Future Technology Devices International Ltd. FT51AQ-R Datasheet HTML 41Page - Future Technology Devices International Ltd. FT51AQ-R Datasheet HTML 42Page - Future Technology Devices International Ltd. FT51AQ-R Datasheet HTML 43Page - Future Technology Devices International Ltd.  
Zoom Inzoom in Zoom Outzoom out
 39 / 43 page
background image
Copyright © Future Technology Devices International Limited
39
FT51A Advanced MCU with 8051 Compatible Core IC Datasheet
Version 1.5
Doc ument N o.: FT _000877
C learance N o.: FT DI#420
Appendix C – List of IO registers
User should refer to the FT51A Programmer’s Guide for more detail.
Register
Address
Register Name
Description
(0x0)
DEVICE_CONTROL_REGISTER
Device Control Register
(0x1)
SYSTEM_CLOCK_DIVIDER
System Clock Divider
(0x2)
TOP_USB_CONTROL
USB Top-level Control Register
(0x3)
PERIPHERAL_INT0
Peripheral Interrupt Status 0
(0x4)
PERIPHERAL_IEN0
Peripheral Interrupt Enable 0
(0x5)
PERIPHERAL_INT1
Peripheral Interrupt Status 1
(0x6)
PERIPHERAL_IEN1
Peripheral Interrupt Enable 1
(0x9)
PIN_CONFIG
Miscellaneous Pin Configuration
(0xA)
to
(0x19)
DIGITAL_CONTROL_AIO_0
to
DIGITAL_CONTROL_AIO15
AIO Pins 0 to 15 Digital Control
(0x1A)
to
(0x29)
DIGITAL_CONTROL_DIO0
to
DIGITAL_CONTROL_DIO15
DIO Pins 0 to 15 Digital Control
(0x2A)
AIO_DIFFERENTIAL_ENABLE
AIO Differential Pin Enable
(0x2B)
MTP_CONTROL
MTP Memory Control
(0x2C)
MTP_PROG_ADDR_L
MTP Program Address Lower Byte
(0x2D)
MTP_PROG_ADDR_U
MTP Program Address Upper Byte
(0x2E)
MTP_PROG_DATA
MTP Program Data
(0x34)
PIN_PACKAGE_CONFIG
Device Package Information
(0x36)
CRC_CONTROL
CRC Control of MTP Memory
(0x37)
CRC_RESULT_L
CRC Result Lower Byte
(0x38)
CRC_RESULT_U
CRC Result Upper Byte
(0x39)
SECURITY_LEVEL
Device Security Status Register
(0x40)
IOMUX_CONTROL
IOMUX Control Register
(0x41)
IOMUX_OUTPUT_PIN_SEL
Select Output Pin Number Register
(0x42)
IOMUX_OUTPUT_SIG_SEL
Select Output Signal Register
(0x43)
IOMUX_INPUT_SIG_SEL
Select Input Signal Register
(0x44)
IOMUX_INPUT_PIN_SEL
Select Input Pin Number Register
(0x48)
SPI_SLAVE_CONTROL
SPI_SLAVE Control Register
(0x4A)
SPI_SLAVE_TX_DATA
SPI Slave Transmit Data
(0x4B)
SPI_SLAVE_RX_DATA
SPI Slave Receive Data
(0x4C)
SPI_SLAVE_IEN
SPI Slave Interrupt Enable
(0x4D)
SPI_SLAVE_INT
SPI Slave Interrupt Status
(0x4E)
SPI_SLAVE_SETUP
SPI Slave Setup
(0x50)
SPI_MASTER_CONTROL
SPI_MASTER Control Register
(0x51)
SPI_MASTER_DATA_TX
SPI Master Transmit Data
(0x52)
SPI_MASTER_DATA_RX
SPI Master Receive Data
(0x53)
SPI_MASTER_IEN
SPI Master Interrupt Enable
(0x54)
SPI_MASTER_INT
SPI Master Interrupt Status
(0x55)
SPI_MASTER_SETUP
SPI Master Setup
(0x56)
SPI_MASTER_CLK_DIV
SPI Master Clock Divider
(0x57)
SPI_MASTER_DATA_DELAY
SPI Master Data Delay
(0x58)
SPI_MASTER_SS_SETUP
SPI Master Slave Select Setup
(0x59)
SPI_MASTER_TRANSFER_SIZE_L
SPI Master Transfer Size Lower Byte
(0x5A)
SPI_MASTER_TRANSFER_SIZE_U
SPI Master Transfer Size Upper Byte
(0x5B)
SPI_MASTER_TRANSFER_PENDING
SPI Master Transfer Pending
(0x60)
UART_CONTROL
UART Control Register
(0x61)
UART_DMA_CTRL
UART DMA Control
(0x62)
UART_RX_DATA
UART Receive Data
(0x63)
UART_TX_DATA
UART Transmit Data
(0x64)
UART_TX_IEN
UART Tx Interrupt Enable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com