| Electronic Components Datasheet Search |
|
FT51CS-U Datasheet(PDF) 39 Page - Future Technology Devices International Ltd. |
|
|
|||||||||||||||||||||||||||||
FT51CS-U Datasheet(HTML) 39 Page - Future Technology Devices International Ltd. |
|
39 / 43 page ![]() Copyright © Future Technology Devices International Limited 39 FT51A Advanced MCU with 8051 Compatible Core IC Datasheet Version 1.5 Doc ument N o.: FT _000877 C learance N o.: FT DI#420 Appendix C – List of IO registers User should refer to the FT51A Programmer’s Guide for more detail. Register Address Register Name Description (0x0) DEVICE_CONTROL_REGISTER Device Control Register (0x1) SYSTEM_CLOCK_DIVIDER System Clock Divider (0x2) TOP_USB_CONTROL USB Top-level Control Register (0x3) PERIPHERAL_INT0 Peripheral Interrupt Status 0 (0x4) PERIPHERAL_IEN0 Peripheral Interrupt Enable 0 (0x5) PERIPHERAL_INT1 Peripheral Interrupt Status 1 (0x6) PERIPHERAL_IEN1 Peripheral Interrupt Enable 1 (0x9) PIN_CONFIG Miscellaneous Pin Configuration (0xA) to (0x19) DIGITAL_CONTROL_AIO_0 to DIGITAL_CONTROL_AIO15 AIO Pins 0 to 15 Digital Control (0x1A) to (0x29) DIGITAL_CONTROL_DIO0 to DIGITAL_CONTROL_DIO15 DIO Pins 0 to 15 Digital Control (0x2A) AIO_DIFFERENTIAL_ENABLE AIO Differential Pin Enable (0x2B) MTP_CONTROL MTP Memory Control (0x2C) MTP_PROG_ADDR_L MTP Program Address Lower Byte (0x2D) MTP_PROG_ADDR_U MTP Program Address Upper Byte (0x2E) MTP_PROG_DATA MTP Program Data (0x34) PIN_PACKAGE_CONFIG Device Package Information (0x36) CRC_CONTROL CRC Control of MTP Memory (0x37) CRC_RESULT_L CRC Result Lower Byte (0x38) CRC_RESULT_U CRC Result Upper Byte (0x39) SECURITY_LEVEL Device Security Status Register (0x40) IOMUX_CONTROL IOMUX Control Register (0x41) IOMUX_OUTPUT_PIN_SEL Select Output Pin Number Register (0x42) IOMUX_OUTPUT_SIG_SEL Select Output Signal Register (0x43) IOMUX_INPUT_SIG_SEL Select Input Signal Register (0x44) IOMUX_INPUT_PIN_SEL Select Input Pin Number Register (0x48) SPI_SLAVE_CONTROL SPI_SLAVE Control Register (0x4A) SPI_SLAVE_TX_DATA SPI Slave Transmit Data (0x4B) SPI_SLAVE_RX_DATA SPI Slave Receive Data (0x4C) SPI_SLAVE_IEN SPI Slave Interrupt Enable (0x4D) SPI_SLAVE_INT SPI Slave Interrupt Status (0x4E) SPI_SLAVE_SETUP SPI Slave Setup (0x50) SPI_MASTER_CONTROL SPI_MASTER Control Register (0x51) SPI_MASTER_DATA_TX SPI Master Transmit Data (0x52) SPI_MASTER_DATA_RX SPI Master Receive Data (0x53) SPI_MASTER_IEN SPI Master Interrupt Enable (0x54) SPI_MASTER_INT SPI Master Interrupt Status (0x55) SPI_MASTER_SETUP SPI Master Setup (0x56) SPI_MASTER_CLK_DIV SPI Master Clock Divider (0x57) SPI_MASTER_DATA_DELAY SPI Master Data Delay (0x58) SPI_MASTER_SS_SETUP SPI Master Slave Select Setup (0x59) SPI_MASTER_TRANSFER_SIZE_L SPI Master Transfer Size Lower Byte (0x5A) SPI_MASTER_TRANSFER_SIZE_U SPI Master Transfer Size Upper Byte (0x5B) SPI_MASTER_TRANSFER_PENDING SPI Master Transfer Pending (0x60) UART_CONTROL UART Control Register (0x61) UART_DMA_CTRL UART DMA Control (0x62) UART_RX_DATA UART Receive Data (0x63) UART_TX_DATA UART Transmit Data (0x64) UART_TX_IEN UART Tx Interrupt Enable |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |