Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADPD2210 Datasheet(PDF) 16 Page - Analog Devices

Part # ADPD2210
Description  Ultralow noise, low power current amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD2210 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADPD2210 Datasheet HTML 8Page - Analog Devices ADPD2210 Datasheet HTML 9Page - Analog Devices ADPD2210 Datasheet HTML 10Page - Analog Devices ADPD2210 Datasheet HTML 11Page - Analog Devices ADPD2210 Datasheet HTML 12Page - Analog Devices ADPD2210 Datasheet HTML 13Page - Analog Devices ADPD2210 Datasheet HTML 14Page - Analog Devices ADPD2210 Datasheet HTML 15Page - Analog Devices ADPD2210 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
Data Sheet
ADPD2210
Rev. A | Page 15 of 15
OUTLINE DIMENSIONS
Figure 30. 6-Lead Lead Frame Chip Scale Package [LFCSP_UD]
2 mm × 2 mm Body, Ultra Thin, Dual Lead
(CP-6-3)
Dimensions shown in millimeters
ORDERING GUIDE
Model1
Temperature Range
Package Descriptions
Package Option
ADPD2210ACPZ-R7
−40°C to +85°C
6-Lead Lead Frame Chip Scale Package [LFCSP_UD]
CP-6-3
ADPD2210ACPZ-RL
−40°C to +85°C
6-Lead Lead Frame Chip Scale Package [LFCSP_UD]
CP-6-3
EVALZ-ADPD2210
Evaluation Board
1 Z = RoHS Compliant Part.
1.70
1.60
1.50
0.425
0.350
0.275
TOP VIEW
6
1
4
3
0.35
0.30
0.25
BOTTOM VIEW
PIN 1 INDEX
AREA
SEATING
PLANE
0.60
0.55
0.50
1.10
1.00
0.90
0.20 REF
0.05 MAX
0.02 NOM
0.65 BSC
EXPOSED
PAD
PIN 1
INDICATOR
(R 0.15)
FOR PROPER CONNECTION OF
THE EXPOSED PAD, REFER TO
THE PIN CONFIGURATION AND
FUNCTION DESCRIPTIONS
SECTION OF THIS DATA SHEET.
0.15 REF
2.10
2.00 SQ
1.90
0.20 MIN
©2015 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D12286-0-12/15(A)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com