Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADPD2212 Datasheet(PDF) 12 Page - Analog Devices

Part # ADPD2212
Description  Low Noise, High Sensitivity Optical Sensor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD2212 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADPD2212 Datasheet HTML 6Page - Analog Devices ADPD2212 Datasheet HTML 7Page - Analog Devices ADPD2212 Datasheet HTML 8Page - Analog Devices ADPD2212 Datasheet HTML 9Page - Analog Devices ADPD2212 Datasheet HTML 10Page - Analog Devices ADPD2212 Datasheet HTML 11Page - Analog Devices ADPD2212 Datasheet HTML 12Page - Analog Devices ADPD2212 Datasheet HTML 13Page - Analog Devices ADPD2212 Datasheet HTML 14Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
Data Sheet
ADPD2212
Rev. 0 | Page 11 of 13
Figure 13. ADPD2212 Used in 3-Wire Cable Voltage Configuration
Figure 14. ADPD2212 Used in 3-Wire Current Mode Configuration
ADPD2212
CURRENT
AMPLIFIER
+
–
ADC AND
MICROPROCESSOR
3.3V
3.3V
RS
GND
OUT
VCC
VCC
OUT
GND
3.3V
CF
RF
TIA
3.3V
ADPD2212
ADC AND
MICROPROCESSOR
0V TO VCC – 0.75
CURRENT
AMPLIFIER
+
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com