Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADPD2214 Datasheet(PDF) 10 Page - Analog Devices

Part # ADPD2214
Description  Low Noise, High Sensitivity Optical Sensor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD2214 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADPD2214 Datasheet HTML 6Page - Analog Devices ADPD2214 Datasheet HTML 7Page - Analog Devices ADPD2214 Datasheet HTML 8Page - Analog Devices ADPD2214 Datasheet HTML 9Page - Analog Devices ADPD2214 Datasheet HTML 10Page - Analog Devices ADPD2214 Datasheet HTML 11Page - Analog Devices ADPD2214 Datasheet HTML 12Page - Analog Devices ADPD2214 Datasheet HTML 13Page - Analog Devices ADPD2214 Datasheet HTML 14Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
Data Sheet
ADPD2214
Rev. 0 | Page 9 of 13
THEORY OF OPERATION
OVERVIEW
The ADPD2214 is an integrated, low power, optical sensor
composed of a deep junction silicon photodiode coupled to a
low noise current amplifier in an optically transparent chip
scale package. The ADPD2214 is optimized for battery-
powered, wearable, medical, and industrial optical sensing
applications requiring low power and high SNR.
SHOT NOISE LIMITED PERFORMANCE
The on-board photodiode of the ADPD2214 is operated in
photoconductive mode with a zero bias voltage. This mode of
operation allows the diode to operate with no dc dark current
caused by leakage across the depletion area of the diode,
providing a fundamental limit of shot noise. The noise level is
proportional to the square root of the frequency bandwidth.
SENSITIVITY AND SNR
SNR is a measure of the ability of the sensor to separate the
signal of interest from spurious signals that occur from the
surrounding environment of the device, such as ambient light,
nonlinearity, and noise within the device itself.
The ADPD2214 operates its integrated photodiode in a zero
biased photoconductive mode to provide near zero dark current
and, therefore, no dark shot noise component contribution
from the photodiode. The integrated current amplifier requires
an internal bias current of 10 nA to improve bandwidth and
linearize response at low light levels. This bias generates a shot
noise component of 90 fA/√Hz at the output of the current
amplifier and establishes the noise floor of the ADPD2214.
To optimize the sensitivity of the ADPD2214, it is important to
ensure that the optical signal is concentrated on the photoactive
area of the integrated photodiode. The on-board precision
current amplifier is shielded and is not significantly affected by
light hitting its surface, but device sensitivity is based solely on
the optical power incident to the photodetector.
LINEARITY
Linearity is critical to PPG due to the need to accurately extract
a small amplitude, pulsatile ac signal modulated onto the large
dc component, which is caused by nonpulsatile tissue absorption
and ambient light. In pulsed light applications, bandwidth is a
critical component of the linearity because fast recovery of the
device from dark and/or power-down conditions can have a
profound effect on the ability of the sensor to extract the signal
of interest. The ADPD2214 is production trimmed to ensure
60 dB linearity at an irradiance of up to EE = 890 µW/cm2, λ =
528 nm, at a supply voltage of 3.3 V.
PACKAGE CONSIDERATIONS
The ADPD2214 is packaged with a transparent epoxy molding
compound. To maintain optimum sensitivity, take care in
handling the device to prevent scratches or chemicals that may
affect the surface finish above the photodiode. Due to the lack
of stabilizing fillers (typically up to 70% silica) used in opaque
molding compounds, the maximum storage temperature of the
ADPD2214 is 105°C. The temperature profile for soldering is
shown in Figure 2.
EPAD CONNECTION
The EPAD on the ADPD2214 acts as a common electrical, thermal,
and mechanical platform for the photodiode and amplifier and
must not be connected externally. External cooling is not required
due to the extremely low power consumption of the ADPD2214.
Analog Devices, Inc., recommends removal of traces beneath
the device to eliminate potential coupling of external signals into
the sensitive internal nodes of the ADPD2214.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com