Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCS3142-I/ST Datasheet(PDF) 24 Page - Microchip Technology

Part # MCS3142-I/ST
Description  MCS3142 Dual KEELOQ짰 Technology Encoder Data Sheet
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCS3142-I/ST Datasheet(HTML) 24 Page - Microchip Technology

Back Button MCS3142-I/ST Datasheet HTML 20Page - Microchip Technology MCS3142-I/ST Datasheet HTML 21Page - Microchip Technology MCS3142-I/ST Datasheet HTML 22Page - Microchip Technology MCS3142-I/ST Datasheet HTML 23Page - Microchip Technology MCS3142-I/ST Datasheet HTML 24Page - Microchip Technology MCS3142-I/ST Datasheet HTML 25Page - Microchip Technology MCS3142-I/ST Datasheet HTML 26Page - Microchip Technology MCS3142-I/ST Datasheet HTML 27Page - Microchip Technology MCS3142-I/ST Datasheet HTML 28Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 37 page
background image
MCS3142
DS40001747A-page 24
 2014 Microchip Technology Inc.
6.4.2
CRYSTAL SELECTION
Once the frequency band has been selected, the choice
of crystal frequency is flexible provided the crystal
meets the specifications summarized in Table 6-3, the
boundaries of the Encoder Frequency Configuration
value are followed and the RF transmit frequency error
is acceptable to the system design.
6.4.3
FREQUENCY CALCULATION
Once the frequency band and crystal frequency are
selected, the transmit frequency is calculated by setting
the Encoder Frequency Configuration bits according to
the formula shown in Table 6-2. If the calculated value
for Encoder Frequency Configuration is not an integer,
there will be an associated transmit frequency error.
6.4.4
POWER OUTPUT
The RF output power is configurable to either +0 dBm
or +10 dBm (typical). This option is configurable for
each encoder. See Table 3-7 for the Classic KEELOQ
encoder and Table 3-15 for the Ultimate KEELOQ
encoder.
TABLE 6-3:
CRYSTAL RESONATOR SPECIFICATIONS
Symbol
Description
Min.
Typ.
Max.
Unit
fREF
Crystal Frequency
22
26
MHz
CL
Load Capacitance
15
pF
ESR
Equivalent Series Resistance
100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com