Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM1946 Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM1946
Description  LM1946 Over/Under Current Limit Diagnostic Circuit
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM1946 Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button LM1946 Datasheet HTML 2Page - National Semiconductor (TI) LM1946 Datasheet HTML 3Page - National Semiconductor (TI) LM1946 Datasheet HTML 4Page - National Semiconductor (TI) LM1946 Datasheet HTML 5Page - National Semiconductor (TI) LM1946 Datasheet HTML 6Page - National Semiconductor (TI) LM1946 Datasheet HTML 7Page - National Semiconductor (TI) LM1946 Datasheet HTML 8Page - National Semiconductor (TI) LM1946 Datasheet HTML 9Page - National Semiconductor (TI) LM1946 Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Application Hints (Continued)
Typical values are
R1 e 62k g5%
R2 e 12k g5%
Iset e 20 mA
25 C
Vthrshld e 20 mA (62k b 12k) e 100 mV
For values of sense voltages greater than 100 mV the com-
parator output is off (low) Sense voltages less than 100 mV
turn the output on (high)
It’s also important that the output of the comparator be in
the ‘‘off’’ state when the inputs are taken to ground ie S1
is opened and the lamp is turned ‘‘off’’ The input section of
LM1946 has been designed to turn ‘‘off’’ when the inputs
are grounded and therefore not deliver an erroneous bulb
out indication The comparator is only activated when the
inputs are above ground by at least 3V
R1 and R2 are necessary for another reason These resis-
tors protect the input terminals of the IC from the many
transients in an automobile found on the battery line some
of which can exceed a thousand volts for a few microsec-
onds A minimum value of approximately 1 kX is therefore
recommended
COMPENSATING FOR BATTERY VOLTAGE
The current through a typical automotive lamp whether a
headlight or dashboard illumination lamp will vary as battery
voltage changes The change however is nonlinear Dou-
bling the battery voltage does not double the lamp current
TLH8707 – 21
FIGURE 5
This occurs since a higher voltage will heat the filament
more increasing its resistance and allowing less current to
flow than expected
Figure 5 shows this effect A best fit
straight line over the normal battery range of 9V to 16V for
this particular example can be given by
IL (Amps) e 062 a 0069  Vbattery
TLH8707 – 10
Iset e
VCC b 14
R4
a
Vref b 14
R3
Iset e
VCC
R4
a
Vref
R3
b
14
 1R3a 1R4J
FIGURE 6
Thus in actual use the LM1946 threshold voltage should
track the variations in bulb current with respect to battery
voltage To accomplish this Iset should have a component
that varies with the battery As shown in the LM1946 circuit
schematic of
Figure 18 the Iset pin is two diode drops
above ground or approximately 14V A resistor from this
pin to the 64V reference sets the fixed component of Iset a
resistor to the battery line sets the variable component
Thus the best fit straight line in
Figure 5 can be realized
exactly with only two resistors The result is shown in
Figure
6 giving a nominal Iset of 20 mA that tracks the bulb current
as supply varies from 9V to 16V The graph of
Figure 7
shows the final result comparing a typical sense voltage
across Rs with the comparator threshold voltage as the
supply varies
COMPENSATING FOR AMBIENT
TEMPERATURE VARIATION
If the sense resistors used in a system are perfect compo-
nents with no temperature coefficient then the compensa-
tion to be subsequently detailed here is unnecessary How-
ever resistors of the very small values usually required in a
lamp monitoring system are sometimes difficult or expen-
sive to acquire A convenient alternative is the wiring har-
ness a length of wire or even a trace on a printed circuit
board All of these are of copper material and therefore can
vary by as much as 3900 ppm C The LM1946 has been
designed to accommodate a wide range of temperature
compensation techniques If the Iset current is designed to
increase or decrease with temperature nearly any tempera-
ture coefficient can be produced in the threshold voltage of
the five input pairs
TLH8707 – 22
FIGURE 7
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com