Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP1632 Datasheet(PDF) 4 Page - Microchip Technology

Part # MCP1632
Description  High-Speed, Low-Side PWM Controller
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1632 Datasheet(HTML) 4 Page - Microchip Technology

  MCP1632 Datasheet HTML 1Page - Microchip Technology MCP1632 Datasheet HTML 2Page - Microchip Technology MCP1632 Datasheet HTML 3Page - Microchip Technology MCP1632 Datasheet HTML 4Page - Microchip Technology MCP1632 Datasheet HTML 5Page - Microchip Technology MCP1632 Datasheet HTML 6Page - Microchip Technology MCP1632 Datasheet HTML 7Page - Microchip Technology MCP1632 Datasheet HTML 8Page - Microchip Technology MCP1632 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 34 page
background image
MCP1632
DS20005254A-page 4
 2013 Microchip Technology Inc.
1.0
ELECTRICAL
CHARACTERISTICS
Absolute Maximum Ratings †
VDD...................................................................................6.0V
Maximum Voltage on Any Pin . (VGND – 0.3)V to (VIN +0.3)V
VEXT Short Circuit Current ...........................Internally Limited
Storage Temperature.....................................-65°C to +150°C
Maximum Junction Temperature, TJ ...........................+150°C
Continuous Operating Temperature Range ..-40°C to +125°C
ESD protection on all pins, HBM
 2kV
† Notice:
Stresses above those listed under “Maximum
Ratings” may cause permanent damage to the device.
This is a stress rating only and functional operation of
the device at those or any other conditions above those
indicated in the operational listings of this specification
is not implied. Exposure to maximum rating conditions
for extended periods may affect device reliability.
AC/DC CHARACTERISTICS
Electrical Specifications:
Unless otherwise noted, VIN = 3.0V to 5.5V, FOSC =300 kHz, CIN =0.1 µF,
VIN for typical values = 5.0V, TA = -40°C to +125°C.
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
Input Voltage
Input Operating Voltage
VIN
3.0
—
5.5
V
Input Quiescent Current
I(VIN)—
5
7.5
mA
IEXT =0 mA
Input Shutdown Current
I(VIN)SHDN
——
2
µA
EN = 0V
EN Input
EN Input Voltage Low
ENLOW
——
0.8
V
EN Input Voltage High
ENHIGH
75
—
—
% of VIN
Delay Time
—
—
190
210
µs
EN goes from low to high (Note 1)
40
60
µs
EN goes from high to low (Note 1)
Internal Oscillator
Internal Oscillator Range
FOSC
250
300
350
kHz
Two options
Refer to Section 4.8 “Internal
Oscillator”
.
510
600
690
Reference Voltage Section
Reference Voltage
Input Range
VREF
0—
VIN
V
Note 1
Refer to Section 4.7 “Reference
Voltage Generator”
for details.
Internal Constant Current
Generator
IREF
48
50
52
µA
Refer to Section 4.7 “Reference
Voltage Generator”
for details.
Error Amplifier
Input Offset Voltage
VOS
-4
0.1
+4
mV
Error Amplifier
PSRR
65
80
—
dB
VIN = 3.0V to 5.0V, VCM =1.2V
(Note 1)
Common-Mode Input Range
VCM
GND - 0.3
—
VIN
V
Note 1
Common-Mode
Rejection Ratio
CMRR
60
80
—
dB
VIN =5V, VCM = 0V to 2.5V
(Note 1)
Open-Loop Voltage Gain
AVOL
80
95
—
dB
RL =5 k to VIN/2,
100 mV < VEAOUT <VIN -100 mV,
VCM =1.2V (Note 1)
Low-Level Output
VOL
—25
50
mV
RL =5 k to VIN/2
Gain Bandwidth Product
GBWP
3.5
5
—
MHz
VIN =5V (Note 1)
Error Amplifier Sink Current
ISINK
48
—
mA
VIN =5V, VREF =1.2V,
VFB = 1.4V, VCOMP =2.0V
Note 1:
Ensured by design. Not production tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com