Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC2125YML Datasheet(PDF) 12 Page - Microchip Technology

Part # MIC2125YML
Description  28V Synchronous Buck Controllers Featuring Adaptive ON-Time Control
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC2125YML Datasheet(HTML) 12 Page - Microchip Technology

Back Button MIC2125YML Datasheet HTML 8Page - Microchip Technology MIC2125YML Datasheet HTML 9Page - Microchip Technology MIC2125YML Datasheet HTML 10Page - Microchip Technology MIC2125YML Datasheet HTML 11Page - Microchip Technology MIC2125YML Datasheet HTML 12Page - Microchip Technology MIC2125YML Datasheet HTML 13Page - Microchip Technology MIC2125YML Datasheet HTML 14Page - Microchip Technology MIC2125YML Datasheet HTML 15Page - Microchip Technology MIC2125YML Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 34 page
background image
MIC2125/6
DS20005459B-page 12
 2015 Microchip Technology Inc.
Note:
Unless otherwise noted, VIN = 12V, FREQ = 350 kHz.
FIGURE 2-31:
Efficiency (VIN = 18V) vs.
Output Current (MIC2126).
FIGURE 2-32:
VIN Soft Turn-On.
FIGURE 2-33:
VIN Soft Turn-Off.
FIGURE 2-34:
MIC2125 VIN Start-Up with
Prebiased Output.
FIGURE 2-35:
Enable Turn-On/Turn-Off.
FIGURE 2-36:
Enable Turn-On Delay and
Rise Time.
V
IN = 12V
V
OUT = 1.2V
I
OUT = 20A
Time (10ms/div)
I
L
(20A/div)
V
IN
(10V/div)
V
SW
(10V/div)
V
OUT
(2V/div)
IN
V
IN = 12V
V
OUT = 1.2V
I
OUT = 20A
Time (10ms/div)
I
L
(20A/div)
V
IN
(10V/div)
V
SW
(10V/div)
V
OUT
(2V/div)
IN
V
IN = 12V
V
OUT = 1.2V
I
OUT = 0A
V
PRE-BIAS = 0.5V
Time (10ms/div)
V
OUT
(500mV/div)
V
IN
(10V/div)
V
SW
(10V/div)
IN
V
IN = 12V
V
OUT = 1.2V
I
OUT = 20A
Time (10ms/div)
V
EN
(2V/div)
V
OUT
(1V/div)
I
L
(20A/div)
V
IN = 12V
V
OUT = 1.2V
I
OUT = 20A
Time (4ms/div)
I
L
(20A/div)
V
EN
(2V/div)
V
OUT
(1V/div)
y



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com