Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HV9113 Datasheet(PDF) 4 Page - Microchip Technology

Part # HV9113
Description  High-Voltage Current-Mode PWM Controller
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HV9113 Datasheet(HTML) 4 Page - Microchip Technology

  HV9113 Datasheet HTML 1Page - Microchip Technology HV9113 Datasheet HTML 2Page - Microchip Technology HV9113 Datasheet HTML 3Page - Microchip Technology HV9113 Datasheet HTML 4Page - Microchip Technology HV9113 Datasheet HTML 5Page - Microchip Technology HV9113 Datasheet HTML 6Page - Microchip Technology HV9113 Datasheet HTML 7Page - Microchip Technology HV9113 Datasheet HTML 8Page - Microchip Technology HV9113 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
HV9110/HV9112/HV9113
DS20005505A-page 4
 2016 Microchip Technology Inc.
1.0
ELECTRICAL CHARACTERISTICS
ABSOLUTE MAXIMUM RATINGS†
Input Voltage, VIN
HV9110/HV9113 ............................................................................................................................................ 120V
HV9112............................................................................................................................................................ 80V
Device Supply Voltage, VDD................................................................................................................................... 15.5V
Logic Input Voltage Range .............................................................................................................. –0.3V to VDD + 0.3V
Linear Input Voltage Range............................................................................................................. –0.3V to VDD + 0.3V
Storage Temperature Range ................................................................................................................ –65°C to +150°C
Operating Temperature Range............................................................................................................. –55°C to +125°C
Power Dissipation: 14-lead SOIC....................................................................................................................... 750 mW
† Notice: Stresses above those listed under “Maximum Ratings” may cause permanent damage to the device. This is
a stress rating only and functional operation of the device at those or any other conditions above those indicated in the
operational listings of this specification is not implied. Exposure to maximum rating conditions for extended periods
may affect device reliability.
ELECTRICAL CHARACTERISTICS
Electrical Specifications: VDD = 10V, VIN = 48V, VDISC = 0V, RBIAS = 390 kΩ, ROSC = 330 kΩ, TA= 25°C unless otherwise noted.
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
REFERENCE
Output Voltage
HV9110/13
VREF
3.92
4
4.08
V
RL = 10 MΩ
HV9112
3.88
4
4.12
HV9110/13
3.82
4
4.16
RL = 10 MΩ,
TA = –55°C to +125°C
Output Impedance
ZOUT
15
30
45
kΩ
(Note 1)
Short Circuit Current
ISHORT
—
125
250
μA
VREF = GND
Change in VREF with Temperature
∆VREF
—
0.25
—
mV/°C TA = –55°C to +125°C
(Note 1)
OSCILLATOR
Oscillator Frequency
fMAX
1
3
—
MHz
ROSC = 0Ω
Initial Accuracy
fOSC
80
100
120
kHz
ROSC = 330 kΩ (Note )
160
200
240
ROSC = 150 kΩ (Note )
VDD Regulation
—
—
—
15
%
9.5V < VDD < 13.5V
Temperature Coefficient
—
—
170
—
ppm/°C TA = –55°C to +125°C
(Note 1)
PWM
Maximum Duty
Cycle
HV9110/HV9112
DMAX
49
49.4
49.6
%
(Note 1)
HV9113
95
97
99
Dead Time
HV9113
DMIN
—
225
—
ns
HV9113 only (Note 1)
Minimum Duty Cycle
—
—
0
%
Pulse Width where Pulse drops out
—
80
125
ns
(Note 1)
CURRENT LIMIT
Maximum Input Signal
VLIM
1
1.2
1.4
V
VFB = 0V
Delay to Output
tD
—
80
120
ns
VCS = 1.5V, VCOMP ≤ 2V
(Note 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com