Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MICRF112YMM Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MICRF112YMM
Description  300MHz to 450MHz, 10dBm, 1.8V to 3.6V, ASK/FSK Transmitter with Shutdown
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF112YMM Datasheet(HTML) 4 Page - Micrel Semiconductor

  MICRF112YMM Datasheet HTML 1Page - Micrel Semiconductor MICRF112YMM Datasheet HTML 2Page - Micrel Semiconductor MICRF112YMM Datasheet HTML 3Page - Micrel Semiconductor MICRF112YMM Datasheet HTML 4Page - Micrel Semiconductor MICRF112YMM Datasheet HTML 5Page - Micrel Semiconductor MICRF112YMM Datasheet HTML 6Page - Micrel Semiconductor MICRF112YMM Datasheet HTML 7Page - Micrel Semiconductor MICRF112YMM Datasheet HTML 8Page - Micrel Semiconductor MICRF112YMM Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
Micrel, Inc.
MICRF112
February 2013
4
M9999-020713
Parameter
Condition
Min.
Typ.
Max.
Units
Digital/Control Section
Output Blanking
STDBY transition from low to high
500
µs
Digital Input (EN, ASK, and
FSK)
High (VIH)
0.8 × VDD
V
Low (VIL)
0.2 × VDD
V
Digital Input Leakage Current
(EN, ASK, and FSK Pins)
High (VIH)
0.05
µA
Low (VIL)
0.05
µA
Undervoltage Lock Out
(UVLO)
1.6
V
Notes:
1.
Exceeding the absolute maximum rating may damage the device.
2.
The device is not guaranteed to function outside its operating ratings.
3.
Devices are ESD sensitive. Handling precautions recommended. Human body model, 1.5k in series with 100pF.
4.
Measured using the circuit shown in the “Test Circuit” section.
5.
RBW = 100kHz, OBW measured at
−20dBc.
6.
Dependent on crystal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com