Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

USB97C202 Datasheet(PDF) 12 Page - SMSC Corporation

Part # USB97C202
Description  ATA/ATAPI CONTROLLER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB97C202 Datasheet(HTML) 12 Page - SMSC Corporation

Back Button USB97C202 Datasheet HTML 8Page - SMSC Corporation USB97C202 Datasheet HTML 9Page - SMSC Corporation USB97C202 Datasheet HTML 10Page - SMSC Corporation USB97C202 Datasheet HTML 11Page - SMSC Corporation USB97C202 Datasheet HTML 12Page - SMSC Corporation USB97C202 Datasheet HTML 13Page - SMSC Corporation USB97C202 Datasheet HTML 14Page - SMSC Corporation USB97C202 Datasheet HTML 15Page - SMSC Corporation USB97C202 Datasheet HTML 16Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
USB 2.0 ATA/ATAPI Controller
Datasheet
SMSC USB97C202
Page 12
Revision 1.2 (02-04-04)
DATASHEET
Chapter 6 Typical Application
R13
10K
R16
1.5K 1/10W
5%
C8
.1uF
VDDIO
MA9
IDE_D2
IDE_D6
DVDD
MA4
IDE_D7
IDE_D8
+
C11
10uF
P1
1
3
4
2
5
6
7
8
9
11
10
12
13
14
16
15
17
18
19
20
22
24
26
28
30
32
34
21
23
25
27
29
31
33
36
38
40
39
37
35
VDD
IDE_D15
C5
.1uF
IDE_nCS1
VDDIO
IDE_D3
MA7
IDE_nIOW
IDE_D13
IDE_DACK
IDE_D13
IDE_D11
IDE_D5
MA8
DVDD
C17
.1uF
+
C19
10uF
IDE_D10
VDDIO,VDDA
+
C18
10uF
DVDD
VDDA
DVDD
MA7
MA10
IDE_D11
LED1
T1 GREEN
IDE_D12
IDE_D11
MA3
MA6
IDE_nIOR
IORDY
IDE_D8
C21
22pf
IDE_nCS0
IDE_nIOW
A
USB97C202 T ypical Application
C
11
Friday , June 07, 2002
Title
Size
Document Number
Rev
Date:
Sheet
of
R8
4.75K
1/8W
1%
FS-
MA11
C7
.1uF
IDE_D13
IDE_D7
IDE_D4
USB+
IDE_D[0:15]
IDE_D15
IDE_SA2
VR1
3.3V Regulator
3
2
VIN
VOUT
IDE supports :
Mode1, Mode2, Mode3, Mode4
Ultra DMA 33/66
IDE_D9
MA13
MA12
IDE_D15
MA12
nRESET
C13
.1uF
R17
10K
R6
2.21K
1/8W
1%
VDD
IDE_D7
IDE_DRQ
IDE_D14
IDE_D14
R15
9.09K
1/10W
1%
IDE_D0
C14
.1uF
IDE_SA2
MA2
Q1
IDE_D4
MA1
R11 31.6
1
2
VCCEXT
MA5
IDE_D0
IDE_D6
MA13
IDE_D9
MA5
R14
1M
VR2
2.5V Regulator
3
2
VIN
VOUT
MA10
IDE_D10
IDE_SA0
R18
1K
IDE_IRQ
IDE_D0
+
C12
10uF
C9
.1uF
Primary IDE
VDDIO
R2
5.62K
1/8W
1%
VDD
MA9
R9
332
1/8W
1%
IDE_D1
VDDIO
MA8
USB-
IDE_nCS1
nRESET
R3
120
R12 31.6
1
2
R7
1.0K
1/8W
1%
VCCEXT
IDE_D8
R1
100
1/8W
1%
C15
.1uF
IDE_SA0
IDE_IRQ
MA6
C20
1µf
IDE_DACK
P2
USB TYPE B
1
3
2
4
VCC
D+
D-
GND
VDDIO
C10
.1uF
MA14
MA4
IDE_D12
USB97C202
U1
90
9
16
17
18
19
21
95
22
23
24
32
99
98
97
96
94
12
11
13
14
8
7
88
51
54
56
57
60
52
62
61
58
55
53
83
50
48
45
43
42
38
75
74
73
72
70
59
3
15
N.C.
MA12
MA7
MA6
MA5
MA4
MA3
GND
MA2
MA1
MA0
VDD
MD0
MD1
MD2
MD3
MD4
MA10
MA11
MA9
MA8
MA13
GND
VDDP
IDE_D12
IDE_D11
GND
IDE_D10
IDE_D9
VDDIO
IDE_D8
IDE_D7
IDE_D6
IDE_D5
IDE_D4
VSSA
IDE_D3
IDE_D2
IDE_D1
IDE_D0
VDDIO
IORDY
ROMEN
GPIO1
GPIO2
GPIO3
GPIO4
VDD
VDDIO
VDDIO
GPIO3
IDE_D12
MA11
FS+
IDE_D14
IDE_D1
IDE_SA1
IDE_D4
IDE_D3
Y1
12.00Mhz
C2
.1uF
C1
0.047uF
25V
10%
MA1
R7
1.0K
1/8W
1%
IDE_D5
IORDY
U3
93LC66A Serial EEPROM
1
2
3
4
5
6
7
8
CS
CLK
DI
DO
VSS
N.C.
N.C.
VCC
MA2
IDE_nCS0
IDE_SA1
D1
LED
VCCEXT
IDE_D6
MA0
MA15
IDE_D9
IDE_D3
C16
.1uF
C6
.1uF
IDE_nIOR
IDE_D2
U2
39VF512-70 or equiv OTP/EPROM
12
11
10
9
8
7
6
5
27
26
23
25
4
28
29
22
24
31
1
13
14
15
17
18
19
20
21
32
16
2
30
3
A0
A1
A2
A3
A4
A5
A6
A7
A8
A9
A10
A11
A12
A13
A14
CE
OE
WE
VPP
D0
D1
D2
D3
D4
D5
D6
D7
VCC
GND
NC
NC
A15
C3
.1uF
MA[0:15]
MA0
GPIO3
IDE_DRQ
C22
22pf
OPTIONAL for test purposes only, if used tie ROMEN
low;otherwise do not populate
IDE_D10
GPIO2
IDE_D2
IDE_D1
C4
.1uF
MA3
IDE_D5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com