Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

USBAMAF-10F Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # USBAMAF-10F
Description  Ready-to-use cabling call for custom lengths
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

USBAMAF-10F Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  USBAMAF-10F Datasheet HTML 1Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
139
815.433.5100
www.bb-elec.com
D-subminiature parallel and serial cables
Ready-to-use cabling –
call for custom lengths!
DB9 to DB9 – All pins terminated
Features
• Fully molded backshell with strain relief for
added protection
• 26 AWG stranded conductors for flexibility
• Thumbscrews for tool-less termination
• All wired straight through except as noted
232AMF5
232CAMS
232NM9
9PSMF
DB25 to DB25 – All pins terminated
Male to Female
Male to Male
Length
1-9
10-19
20-49
50-99
100+
232AMF5
232AMM5
1.8 m (6 ft)
232AMF1
232AMM1
3.0 m (10 ft)
232AMF15
—
4.6 m (15 ft)
—
232AMM2
7.9 m (26 ft)
232AMF2
—
7.9 m (26 ft)
DB9 to DB25 adapter cable – 15.2 cm (6 in) cable converts 25-pin serial port to a 9-pin AT serial port
Port saver – Protect a highly used port from mechanical damage – Saves you from replacing an expensive card due to port damage
9-pin null modem cable – Pins 2 and 3 crossed for RS-232 compliance – DB9 connectors on both ends
DB9 female to DB25 male modem cable – 9-wire, all pins terminated– PC-AT modem Cable
Male to Female
Male to Male
Length
1-9
10-19
20-49
50-99
100+
9PAMF6
9PAMM6
1.8 m (6 ft)
9PAMF10
9PAMM10
3.0 m (10 ft)
9PAMF15
—
4.6 m (15 ft)
9PAMF25
9PAMM25
7.9 m (26 ft)
DB9 Male to DB25 Female
DB9 Female to DB25 Male
1-9
10-19
20-49
50-99
100+
232CAMR
232CAMS
DB25 Male to DB9 Female
Length
1-9
10-19
20-49
50-99
100+
232CAM
1.8 m (6 ft)
232CAM10
3.0 m (10 ft)
Female to Female
Male to Female
Length
1-9
10-19
20-49
50-99
100+
232NM9FF6
232NM9MF6
1.8 m (6 ft)
232NM9
232NM9MF10
3.0 m (10 ft)
232NM9FF25
232NM9MF25
7.9 m (26 ft)
Model No.
Description
1-9
10-19
20-49
50-99
100+
9PSMF
Male to female DB9 port saver
232PSMF
Male to female DB25 port saver
USB Cables
High performance USB connectivity and
USB extension
Features – USB cables
• Connect your PC or device to any cable-less USB peripheral
• Type A male to Type B male
• Fully rated USB 2.0 peripheral cables
Features – USB extension cable
• This 3 meter extension cable extends a short cable on a USB
peripheral to the full 5 meters length allowed (total cable
length must not exceed 5 meters)
• Type A male to type A female
Model No.
Length
1-9
10-19
20-49
50-99
100+
USBAMAF-10F 10 ft (3m)
Model No.
Length
1-9
10-19
20-49
50-99
100+
USBAMBM-3F
3 ft (1m)
USBAMBM-6F
6 ft (2m)
USBAMBM-15F 15 ft (5m)


Similar Part No. - USBAMAF-10F

ManufacturerPart #DatasheetDescription
logo
MMD Components
USBA1 MMD-USBA1 Datasheet
55Kb / 1P
UM-1 Thru-Hole Crystal
logo
List of Unclassifed Man...
USBA2C1MOUSBC ETC-USBA2C1MOUSBC Datasheet
165Kb / 1P
DETACHABLE USB CORD, USB A TO USB C TYPE 2.0
11/18/18
USBA2C1MOUSBCR ETC-USBA2C1MOUSBCR Datasheet
165Kb / 1P
DETACHABLE USB CORD, USB A TO USB C TYPE 2.0
11/18/18
logo
MMD Components
USBA3 MMD-USBA3 Datasheet
55Kb / 1P
UM-1 Thru-Hole Crystal
logo
Switchcraft, Inc.
USBAB SWITCH-USBAB Datasheet
875Kb / 4P
EH Series Audio/Video/Data CONNECTORS
More results

Similar Description - USBAMAF-10F

ManufacturerPart #DatasheetDescription
logo
celduc-relais
SWM841080 CELDUC-SWM841080 Datasheet
119Kb / 2P
Ready to use Solid State Relay
SWM862080 CELDUC-SWM862080 Datasheet
231Kb / 2P
Ready to use Solid State Relay
logo
Synaptics Incorporated.
CX20702 CONEXANT-CX20702 Datasheet
633Kb / 1P
Simplified cabling for ease of use
logo
Pasternack Enterprises,...
PE330-12 PASTERNACK-PE330-12 Datasheet
356Kb / 5P
Same day shipment of custom lengths
PE331-36 PASTERNACK-PE331-36 Datasheet
357Kb / 5P
Same day shipment of custom lengths
PE334-100CM PASTERNACK-PE334-100CM Datasheet
358Kb / 5P
Same day shipment of custom lengths
logo
RF Monolithics, Inc
DM1810-434MB RFM-DM1810-434MB Datasheet
248Kb / 4P
Ready-to-Use OEM Module
DM1810-434MN RFM-DM1810-434MN Datasheet
244Kb / 5P
Ready-to-Use OEM Module
DM1810-434MR RFM-DM1810-434MR Datasheet
240Kb / 4P
Ready-to-Use OEM Module
logo
OmniVision Technologies...
OV2775ARDS OMNIVISION-OV2775ARDS Datasheet
1Mb / 2P
ready to use camera solution
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com