Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAS170W Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # BAS170W
Description  Silicon Schottky Diode
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BAS170W Datasheet(HTML) 2 Page - Infineon Technologies AG

  BAS170W Datasheet HTML 1Page - Infineon Technologies AG BAS170W Datasheet HTML 2Page - Infineon Technologies AG BAS170W Datasheet HTML 3Page - Infineon Technologies AG BAS170W Datasheet HTML 4Page - Infineon Technologies AG BAS170W Datasheet HTML 5Page - Infineon Technologies AG BAS170W Datasheet HTML 6Page - Infineon Technologies AG BAS170W Datasheet HTML 7Page - Infineon Technologies AG BAS170W Datasheet HTML 8Page - Infineon Technologies AG BAS170W Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
2014-02-13
2
BAS70.../BAS170W
Type
Package
Configuration
LS(nH) Marking
BAS170W
BAS70
BAS70-02L
BAS70-02V
BAS70-02W*
BAS70-04
BAS70-04S
BAS70-04W
BAS70-05
BAS70-05W
BAS70-06
BAS70-06W
BAS70-07
BAS70-07W
SOD323
SOT23
TSLP-2-1
SC79
SCD80
SOT23
SOT363
SOT323
SOT23
SOT323
SOT23
SOT323
SOT143
SOT343
single
single
single, leadless
single
single
series
dual series
series
common cathode
common cathode
common anode
common anode
parallel pair
parallel pair
1.8
1.8
0.4
0.6
0.6
1.8
1.6
1.4
1.8
1.4
1.8
1.4
2
1.8
white 7
73s
F
c
73
74s
74s
74s
75s
75s
76s
76s
77s
77s
* Not for new design
Maximum Ratings at TA = 25 °C, unless otherwise specified
Parameter
Symbol
Value
Unit
Diode reverse voltage
VR
70
V
Forward current
IF
70
mA
Non-repetitive peak surge forward current
t
≤ 10ms
IFSM
100
Total power dissipation
BAS70, BAS70-07, TS ≤ 72 °C
BAS70-02L, TS ≤ 117 °C
BAS70-02W, -02V, TS ≤ 107 °C
BAS70-04, BAS70-06, TS ≤ 48 °C
BAS70-04S/W/-06W, BAS170W, TS ≤ 97 °C
BAS70-05, TS ≤ 22 °C
BAS70-05W, TS ≤ 90 °C
BAS70-07W, TS ≤ 114 °C
Ptot
250
250
250
250
250
250
250
250
mW
Junction temperature
TJ
150
°C
Operating temperature range
Top
-55 ... 125
Storage temperature
TStg
-55 ... 150



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com