Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAS70 Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # BAS70
Description  Silicon Schottky Diode
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BAS70 Datasheet(HTML) 3 Page - Infineon Technologies AG

  BAS70 Datasheet HTML 1Page - Infineon Technologies AG BAS70 Datasheet HTML 2Page - Infineon Technologies AG BAS70 Datasheet HTML 3Page - Infineon Technologies AG BAS70 Datasheet HTML 4Page - Infineon Technologies AG BAS70 Datasheet HTML 5Page - Infineon Technologies AG BAS70 Datasheet HTML 6Page - Infineon Technologies AG BAS70 Datasheet HTML 7Page - Infineon Technologies AG BAS70 Datasheet HTML 8Page - Infineon Technologies AG BAS70 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
2014-02-13
3
BAS70.../BAS170W
Thermal Resistance
Parameter
Symbol
Value
Unit
Junction - soldering point1)
BAS70, BAS70-07
BAS70-02L
BAS70-02W, -02V
BAS70-04, BAS70-06
BAS70-04S/W, BAS70-06W
BAS70-05
BAS70-05W
BAS70-07W
BAS170W
RthJS
≤ 310
≤ 130
≤ 170
≤ 410
≤ 210
≤ 510
≤ 240
≤ 145
≤ 190
K/W
Electrical Characteristics at TA = 25 °C, unless otherwise specified
Parameter
Symbol
Values
Unit
min.
typ.
max.
DC Characteristics
Breakdown voltage
I(BR) = 10 µA
V(BR)
70
-
-
V
Reverse current
VR = 50 V
IR
-
-
0.1
µA
Forward voltage
IF = 1 mA
IF = 10 mA
IF = 15 mA
VF
300
600
720
375
705
880
410
750
1000
mV
Forward voltage matching2)
IF = 10 mA
∆ VF
-
-
20
1For calculation of RthJA please refer to Application Note AN077 (Thermal Resistance Calculation)
2∆VF is the difference between lowest and highest VF in a multiple diode component.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com