Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAS70-07 Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # BAS70-07
Description  Silicon Schottky Diode
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BAS70-07 Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button BAS70-07 Datasheet HTML 5Page - Infineon Technologies AG BAS70-07 Datasheet HTML 6Page - Infineon Technologies AG BAS70-07 Datasheet HTML 7Page - Infineon Technologies AG BAS70-07 Datasheet HTML 8Page - Infineon Technologies AG BAS70-07 Datasheet HTML 9Page - Infineon Technologies AG BAS70-07 Datasheet HTML 10Page - Infineon Technologies AG BAS70-07 Datasheet HTML 11Page - Infineon Technologies AG BAS70-07 Datasheet HTML 12Page - Infineon Technologies AG BAS70-07 Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
2014-02-13
9
BAS70.../BAS170W
Permissible Pulse Load
IFmax/ IFDC = ƒ (tp)
BAS70-02L
10
-6
10
-5
10
-4
10
-3
10
-2
10
0
s
tp
0
10
1
10
-
D = 0
0.005
0.01
0.02
0.05
0.1
0.2
0.5
Permissible Pulse Load
IFmax/ IFDC = ƒ (tp)
BAS70-02W, -02V
10
-6
10
-5
10
-4
10
-3
10
-2
10
0
s
tp
0
10
1
10
D=0
0.005
0.01
0.02
0.05
0.1
0.2
0.5
Permissible Puls Load RthJS = ƒ (tp)
BAS70-02W, -02V
10
-6
10
-5
10
-4
10
-3
10
-2
10
0
s
tp
0
10
1
10
2
10
3
10
K/W
D=0.5
0.2
0.1
0.05
0.02
0.01
0.005
0
Permissible Puls Load RthJS = ƒ (tp)
BAS70-04, BAS70-06
10
-6
10
-5
10
-4
10
-3
10
-2
10
0
s
tP
0
10
1
10
2
10
3
10
K/W
0.5
0.2
0.1
0.05
0.02
0.01
0.005
D = 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com