Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VDP313XY Datasheet(PDF) 50 Page - Micronas

Part # VDP313XY
Description  Video Processor Family
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

VDP313XY Datasheet(HTML) 50 Page - Micronas

Back Button VDP313XY Datasheet HTML 46Page - Micronas VDP313XY Datasheet HTML 47Page - Micronas VDP313XY Datasheet HTML 48Page - Micronas VDP313XY Datasheet HTML 49Page - Micronas VDP313XY Datasheet HTML 50Page - Micronas VDP313XY Datasheet HTML 51Page - Micronas VDP313XY Datasheet HTML 52Page - Micronas VDP313XY Datasheet HTML 53Page - Micronas VDP313XY Datasheet HTML 54Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 76 page
background image
VDP 313xY
ADVANCE INFORMATION
50
Micronas
10A
EHT compensation time constant, 0...15
→ 3.2..410 ms
15
EHTTM
10F
EHT compensation east/west gain coefficient,
−512...511
0
EHTEW
FP Display Control Register, Vertical Sawtooth
110
DC offset of SAWTOOTH output
This offset is independent of EHT compensation.
0OFS
11B
accu0 init value
−1365
A0
11C
accu1 init value
900
A1
11D
accu2 init value
0
A2
11E
accu3 init value
0
A3
FP Display Control Register, East-West Parabola
12B
accu0 init value
−1121
A0
12C
accu1 init value
219
A1
12D
accu2 init value
479
A2
12E
accu3 init value
−1416
A3
12F
accu4 init value
1052
A4
Table 2–8: Control Registers of the Fast Processor for control of the video backend functions
−default values are
initializied at reset
FP Sub-
address
Function
Default
Name
(hex)
(hex)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com