Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VDP3134Y Datasheet(PDF) 72 Page - Micronas

Part # VDP3134Y
Description  Video Processor Family
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

VDP3134Y Datasheet(HTML) 72 Page - Micronas

Back Button VDP3134Y Datasheet HTML 68Page - Micronas VDP3134Y Datasheet HTML 69Page - Micronas VDP3134Y Datasheet HTML 70Page - Micronas VDP3134Y Datasheet HTML 71Page - Micronas VDP3134Y Datasheet HTML 72Page - Micronas VDP3134Y Datasheet HTML 73Page - Micronas VDP3134Y Datasheet HTML 74Page - Micronas VDP3134Y Datasheet HTML 75Page - Micronas VDP3134Y Datasheet HTML 76Page - Micronas  
Zoom Inzoom in Zoom Outzoom out
 72 / 76 page
background image
VDP 313xY
ADVANCE INFORMATION
72
Micronas
External RGB Brightness D/A Converter Characteristics
Resolution
ROUT
GOUT
BOUT
−
9
−
bit
IEXBR
Full Scale Output Current
relative
39.2
40
40.8
%
Ref to max. digital RGB
Full Scale Output Current
absolute
−
1.5
−
mA
Differential Nonlinearity
−−
1LSB
Integral Nonlinearity
−−
2LSB
Matching R-G, R-B, G-B
−2
−
2%
Matching to digital RGB R-R,
G-G, B-B
−2
−
2%
RGB Output Cutoff D/A Converter Characteristics
Resolution
ROUT
GOUT
BOUT
−
9
−
bit
ICUT
Full Scale Output Current
relative
58.8
60
61.2
%
Ref to max. digital RGB
Full Scale Output Current
absolute
−
2.25
−
mA
Differential nonlinearity
−−
1LSB
Integral nonlinearity
−−
2LSB
Matching to digital RGB R-R,
G-G, B-B
−2
−
2%
RGB Output Ultrablack D/A Converter Characteristics
Resolution
ROUT
GOUT
BOUT
−
1
−
bit
IUB
Full Scale Output Current
relative
19.6
20
20.4
%
Ref to max. digital RGB
Full Scale Output Current
absolute
−
0.75
−
mA
Match to digital RGB
R
−R, G−G, B−B
−2
−
2%
Symbol
Parameter
Pin Name
Min.
Typ.
Max.
Unit
Test Conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com