Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TFP501 Datasheet(PDF) 13 Page - Texas Instruments

Part # TFP501
Description  PANELBUS HDCP DIGITAL RECEIVER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TFP501 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TFP501 Datasheet HTML 9Page - Texas Instruments TFP501 Datasheet HTML 10Page - Texas Instruments TFP501 Datasheet HTML 11Page - Texas Instruments TFP501 Datasheet HTML 12Page - Texas Instruments TFP501 Datasheet HTML 13Page - Texas Instruments TFP501 Datasheet HTML 14Page - Texas Instruments TFP501 Datasheet HTML 15Page - Texas Instruments TFP501 Datasheet HTML 16Page - Texas Instruments TFP501 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
TFP501
PanelBus
 HDCP DIGITAL RECEIVER
SLDS127B – JULY 2001 – REVISED AUGUST 2002
13
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
high-bandwidth digital content protection (HDCP) overview (continued)
The HDCP keys must also be protected from access. TI has chosen to avoid the inconvenience and possible
circuit board damage from using epoxy or other barriers between the EEPROM and DVI receiver. An encryption
scheme is used to protect the HDCP device key values passing from an off-chip EEPROM to the HDCP receiver
via a dedicated I2C interface. When the HDCP device keys are needed, the encrypted values are read from the
EEPROM, decrypted, and used to enable HDCP functionality. TI’s HDCP solution provides real advantages with
respect to lower systems level cost, ease of implementation, high performance, and exceptional security.
S/W
Application
Program
Upstream
Decrypt
CPU
and
North
Bridge
and
Graphics
Controller
TFP510
DVI-HDCP TX
(PC’s DVI Output)
PROM
Key
Decrypt
C Keys and KSV
Upstream
Encrypt
DE
Pixel Data
Clock
Input
Stream
Encrypted Keys
A Keys and KSV
D Keys and KSV
I2C
Encrypted M0
I2C
TFP501
DVI-HDCP RX
(Display’s DVI Input)
PROM
Key
Decrypt
I2C
Slave I/F
Channel 2
Channel 0
Channel C
HDCP Encrypted
TMDS Link
Encrypted Keys
B Keys and KSV
I2C
I2C
Channel 1
EDID
PROM
Control and Authentication and Key Exchange
KSV = Key Selection Vector
M0 = 64-Bit Secret Value
DE
Pixel Data
Clock
Output
Stream
Figure 13. TI’s HDCP Implementation for PC and Display System
TFP501 clocking and data synchronization
The TFP501 receives a clock reference from the DVI transmitter, such as the TFP510, that has a period equal
to the pixel time, t(pixel). The frequency of this clock is also referred to as the pixel rate. Since the T.M.D.S.
encoded data on Rx[2:0] contains 10 bits per 8-bit pixel, it follows that the Rx[2:0] serial bit rate is 10 times the
pixel rate. For example, the required pixel rate to support an UXGA resolution with 60 Hz refresh rate is
165 MHz. The T.M.D.S. serial bit rate is 10x the pixel rate or 1.65 Gb/s. Due to the transmission of this high speed
digital bit stream on three separate channels (or twisted-pair wires) of long distances (3–5 meters), phase
synchronization between the data steams and the input reference clock is not assured. In addition, skew
between the three data channels is common. The TFP501 uses a 4x oversampling scheme of the input data
streams to achieve reliable synchronization with up to 1-T(pixel) channel-to-channel skew tolerance.
Accumulated jitter on the clock and data lines due to reflections and external noise sources is also typical of
high-speed serial data transmission. The TFP501 is designed for high jitter tolerance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com