Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSC8115YA1 Datasheet(PDF) 1 Page - Vitesse Semiconductor Corporation

Part # VSC8115YA1
Description  STS-12/STS-3 Multi Rate Clock and Data Recovery Unit
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC8115YA1 Datasheet(HTML) 1 Page - Vitesse Semiconductor Corporation

  VSC8115YA1 Datasheet HTML 1Page - Vitesse Semiconductor Corporation VSC8115YA1 Datasheet HTML 2Page - Vitesse Semiconductor Corporation VSC8115YA1 Datasheet HTML 3Page - Vitesse Semiconductor Corporation VSC8115YA1 Datasheet HTML 4Page - Vitesse Semiconductor Corporation VSC8115YA1 Datasheet HTML 5Page - Vitesse Semiconductor Corporation VSC8115YA1 Datasheet HTML 6Page - Vitesse Semiconductor Corporation VSC8115YA1 Datasheet HTML 7Page - Vitesse Semiconductor Corporation VSC8115YA1 Datasheet HTML 8Page - Vitesse Semiconductor Corporation VSC8115YA1 Datasheet HTML 9Page - Vitesse Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
© VITESSE SEMICONDUCTOR CORPORATION
Page 1
9/29/00
741 Calle Plano, Camarillo, CA 93012 • 805/388-3700 • FAX: 805/987-5896
VITESSE
SEMICONDUCTOR CORPORATION
Target Specification
VSC8115
STS-12/STS-3 Multi Rate
Clock and Data Recovery Unit
G52272-0, Rev. 1.1
Features
General Description
The VSC8115 functions as a clock and data recovery unit for SONET/SDH-based equipment to derive high
speed timing signals. The VSC8115 recovers the clock from the scrambled NRZ data operating at 622.08Mb/s
(STS-12/OC-12/STM-4) or 155.52Mb/s (STS-3/OC-3/STM-1). After the clock is recovered, the data is retimed
using an output flip-flop. Both recovered clock and retimed data outputs can be configured as LVDS or
LVPECL signals to facilitate a low-jitter and low power interface.
VSC8115 Block Diagram
• Performs clock and data recovery for
622.08Mb/s (STS-12/OC-12/STM-4) or
155.52Mb/s (STS-3/OC-3/STM-1) NRZ data
• Meets Bellcore, ITU and ANSI Specifications
for Jitter Performance
• 19.44MHz reference frequency LVTTL Input
• Lock Detect output pin monitors data run length
and frequency drift from the reference clock
• Data is Retimed at the Output
• Active High Signal Detect LVPECL Input
• Low-jitter high speed outputs can be configured
as either LVPECL or low power LVDS
• Low power - 0.188 Watts Typical Power
• +3.3V Power Supply
• 20 Pin TSSOP Package
• Requires One External Capacitor
• PLL bypass operation facilitates the board
debug process
1
0
2
2
CLKOUT+/-±
LOCKDET
DATAOUT+/-
LOCKREFN
DATAIN+/-
SD
REFCLK
STS12
Phase/
Loop Filter
Divider
Freq
Detector
VCO
CAP+
CAP-
BYPASS
2


Similar Part No. - VSC8115YA1

ManufacturerPart #DatasheetDescription
logo
Vitesse Semiconductor C...
VSC8111 VITESSE-VSC8111 Datasheet
139Kb / 26P
ATM/SONET/SDH 155/622 Mb/s Transceiver Mux/Demux with Integrated Clock Generation
VSC8113 VITESSE-VSC8113 Datasheet
484Kb / 28P
ATM/SONET/SDH 622 Mb/s Transceiver Mux/Demux with Integrated Clock Generation and Clock Recovery
VSC8113QB VITESSE-VSC8113QB Datasheet
484Kb / 28P
ATM/SONET/SDH 622 Mb/s Transceiver Mux/Demux with Integrated Clock Generation and Clock Recovery
VSC8113QB1 VITESSE-VSC8113QB1 Datasheet
484Kb / 28P
ATM/SONET/SDH 622 Mb/s Transceiver Mux/Demux with Integrated Clock Generation and Clock Recovery
VSC8113QB2 VITESSE-VSC8113QB2 Datasheet
484Kb / 28P
ATM/SONET/SDH 622 Mb/s Transceiver Mux/Demux with Integrated Clock Generation and Clock Recovery
More results

Similar Description - VSC8115YA1

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY69952 MICREL-SY69952 Datasheet
93Kb / 7P
OC-3/STS-3 CLOCK RECOVERING TRANSCEIVER
SY69952A MICREL-SY69952A Datasheet
97Kb / 8P
OC-3/STS-3 CLOCK RECOVERING TRANSCEIVER
logo
Infineon Technologies A...
PEB1760 INFINEON-PEB1760 Datasheet
206Kb / 2P
Mapper/Framer for STM-4/STS-12 and STM-1/STS-3
2003-07-01
logo
Vitesse Semiconductor C...
VSC8122 VITESSE-VSC8122 Datasheet
346Kb / 14P
Multi-Rate SONET/SDH Clock and Data Recovery IC
logo
List of Unclassifed Man...
S3076 ETC1-S3076 Datasheet
158Kb / 18P
MULTI-RATE SONET/SDH CLOCK RECOVERY UNIT
logo
Micrel Semiconductor
SY69952 MICREL-SY69952_05 Datasheet
104Kb / 8P
OC-3/STS-3 CLOCK RECOVERING TRANSCEIVER
logo
Exar Corporation
XRT91L31 EXAR-XRT91L31 Datasheet
339Kb / 41P
STS-12/STM-4 OR STS-3/STM-1 SONET/SDH TRANSCEIVER
XRT91L33 EXAR-XRT91L33 Datasheet
341Kb / 16P
STS-12/STS-3 MULTIRATE CLOCK AND DATA RECOVERY UNIT
logo
Micrel Semiconductor
SY69952 MICREL-SY69952_11 Datasheet
104Kb / 8P
OC-3/STS-3 CLOCK RECOVERING TRANSCEIVER
logo
Exar Corporation
XRT91L33A EXAR-XRT91L33A Datasheet
240Kb / 18P
STS-12/STS-3 MULTIRATE CLOCK AND DATA RECOVERY UNIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com