Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM1951 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM1951
Description  LM1951 Solid State 1 Amp Switch
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM1951 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM1951 Datasheet HTML 1Page - National Semiconductor (TI) LM1951 Datasheet HTML 2Page - National Semiconductor (TI) LM1951 Datasheet HTML 3Page - National Semiconductor (TI) LM1951 Datasheet HTML 4Page - National Semiconductor (TI) LM1951 Datasheet HTML 5Page - National Semiconductor (TI) LM1951 Datasheet HTML 6Page - National Semiconductor (TI) LM1951 Datasheet HTML 7Page - National Semiconductor (TI) LM1951 Datasheet HTML 8Page - National Semiconductor (TI) LM1951 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Absolute Maximum Ratings
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
Supply Voltage
Operational Voltage
26 VDC
Sustained Voltage
b
40 VDC t VCC s 85 VDC
Transient Voltage Protection
g
85V
(u e 100 ms 1% Duty Cycle RS t 10X)
Pins 4 5
26 VDC
Power Dissipation (Note 1)
Internally Limited
Load Inductance
1H
Operating Temperature Range (TA)
b
40 Cto a125 C
Maximum Junction Temperature
150 C
Storage Temperature Range
b
65 Cto a150 C
Lead Temperature (Soldering 10 sec)
260 C
ESD Tolerance (Note 4)
2000V
Electrical Characteristics
VCC e 12V Iout e 500 mA Cout e 0001 mF TA e 25 C unless otherwise specified
Tested
Design
Parameter
Conditions
Typical
Limit
Limit
Units
(Note 2)
(Note 3)
Supply Voltage VCC
45
Vmin
Operational
26
Vmax
Transient
u e 100 ms 1% Duty Cycle RCC t 10X
b
85
V
85
V
Supply Current
Iout e 0 mA VONOFF e 08V
01
10
100
m
Amax
Iout e 250 mA VONOFF e 20V
260
270
mAmax
Iout e 600 mA VONOFF e 20V
630
650
mAmax
Iout e 1A VONOFF e 20V
106
12
Amax
Voltage Drop
Iout e 600 mA VONOFF e 20V
400
600
mVmax
(VCC b VOUT)
Iout e 1A VONOFF e 20V
07
10
Vmax
Short Circuit Current
VOUT e 0V VONOFF e 2V
13
10
Amin
25
Amax
Input Threshold Pin 5
45V s VCC s 26V
Turn ON
14
20
20
Vmax
Turn OFF
12
08
08
Vmin
Input Current Pin 5
08V s VONOFF s 55V
25
50
m
Amax
10
m
Amin
Output Clamp
Iout s 600 mA
b
30
b
40
Vmin
b
24
Vmax
Delay
td ON
Rload e 20X Cload e 0001 mF1
3
m
smax
Time
td OFF
13
m
smax
Rise Time
13
m
smax
Fall Time
13
m
smax
Error Flag Characteristics
Output Voltage
Error Condition Pin 4 Low Sinking 10 mA
03
08
Vmax
Sink Current
Error Condition Pin 4 e 03V
10
3
mAmin
Output Leakage Current
No Error Pin 4 e 26V
001
1
m
Amax
Response Time
VLOGIC e 5V RLOGIC e 2kX CLOGIC e 0 mF1
m
s
Note 1
Thermal resistance junction-to-case is 3 CW Thermal resistance case-to-ambient is 50 CW
Note 2
Tested Limits are guaranteed and 100% production tested
Note 3
Design Limits are guaranteed (but not 100% production tested) over the operating temperature and supply voltage range These limits are not used to
calculate outgoing quality levels
Note 4
Human body model 100 pF discharged through a 15 kX resistor
2



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com