Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TM4EP72BPN Datasheet(PDF) 15 Page - Texas Instruments

Part # TM4EP72BPN
Description  EXTENDED-DATA-OUT DYNAMIC RAM MODULES
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TM4EP72BPN Datasheet(HTML) 15 Page - Texas Instruments

Back Button TM4EP72BPN Datasheet HTML 11Page - Texas Instruments TM4EP72BPN Datasheet HTML 12Page - Texas Instruments TM4EP72BPN Datasheet HTML 13Page - Texas Instruments TM4EP72BPN Datasheet HTML 14Page - Texas Instruments TM4EP72BPN Datasheet HTML 15Page - Texas Instruments TM4EP72BPN Datasheet HTML 16Page - Texas Instruments TM4EP72BPN Datasheet HTML 17Page - Texas Instruments TM4EP72BPN Datasheet HTML 18Page - Texas Instruments TM4EP72BPN Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 22 page
background image
TM4EP64BJN, TM4EP64BPN, TM4EP64CJN, TM4EP64CPN 4194304 BY 64-BIT
TM4EP72BJN, TM4EP72BPN, TM4EP72CJN, TM4EP72CPN 4194304 BY 72-BIT
EXTENDED-DATA-OUT DYNAMIC RAM MODULES
SMMS682A – AUGUST 1997– REVISED MARCH 1998
15
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
serial presence detect
The serial presence detect (SPD) is contained in a 256-byte Serial EEPROM located on the module. The SPD
nonvolatile EEPROM contains various data such as module configuration, DRAM organization, and timing
parameters (see Table 1 through Table 4). Only the first 128 bytes are programmed by Texas Instruments, while
the remaining 128 bytes are available for customer use. Programming is done through an IIC bus using the clock
(SCL) and data (SDA) signals. All Texas Instruments modules comply with the current JEDEC SPD Standard.
See the Texas Instruments
Serial Presence Detect Technical Reference (literature number SMMU001) for
further details.
SPD contents for the TM4EPxxxxN devices are listed in the following tables:
Table 1–TM4EP64BxN
Table 2–TM4EP64CxN
Table 3–TM4EP72BxN
Table 4–TM4EP72CxN
Table 1. Serial-Presence-Detect Data for the TM4EP64BxN
BYTE
FUNCTION DESCRIBED
’4EP64BxN-50
’4EP64BxN-60
’4EP64BxN-70
NO.
FUNCTION DESCRIBED
ITEM
DATA
ITEM
DATA
ITEM
DATA
0
Defines number of bytes
written into serial memory
during module manufacturing
128 bytes
80h
128 bytes
80h
128 bytes
80h
1
Total number of bytes of SPD
memory device
256 bytes
08h
256 bytes
08h
256 bytes
08h
2
Fundamental memory type
(FPM, EDO, SDRAM)
EDO
02h
EDO
02h
EDO
02h
3
Number of row addresses on
this assembly
10
0Ah
10
0Ah
10
0Ah
4
Number of column addresses
on this assembly
10
0Ah
10
0Ah
10
0Ah
5
Number of module banks on
this assembly
1 bank
01h
1 bank
01h
1 bank
01h
6
Data width of this assembly
64 bits
40h
64 bits
40h
64 bits
40h
7
Data width continuation
00h
00h
00h
8
Voltage interface standard of
this assembly
LVTTL
01h
LVTTL
01h
LVTTL
01h
9
RASx access time of module
tRAC = 50 ns
32h
tRAC = 60 ns
3Ch
tRAC = 70 ns
46h
10
CASx access time of module
tRAC = 13 ns
0Dh
tRAC = 15 ns
0Fh
tRAC = 18 ns
12h
11
DIMM configuration type
(non-parity, parity, ECC)
Non-parity
00h
Non-parity
00h
Non-parity
00h
12
Refresh rate / type
15.6
µs
00h
15.6
µs
00h
15.6
µs
00h
13
DRAM width, primary DRAM
x4
04h
x4
04h
x4
04h
14
Error-checking SDRAM data
width
N/A
00h
N/A
00h
N/A
00h
62
SPD revision
Rev. 1
01h
Rev. 1
01h
Rev. 1
01h
63
Checksum for bytes 0 – 62
36
24h
48
30h
61
3Dh
64–71
Manufacturer’s
JEDEC
ID
code per JEP-106E
97h
9700...00h
97h
9700...00h
97h
9700...00h
72
Manufacturing location†
TBD
TBD
TBD
73–90
Manufacturer’s part number†
TBD
TBD
TBD
91
Die revision code†
TBD
TBD
TBD
92
PCB revision code†
TBD
TBD
TBD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com