Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS80C31X2-VLED Datasheet(PDF) 12 Page - ATMEL Corporation

Part # TS80C31X2-VLED
Description  8-bit CMOS Microcontroller ROMless
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TS80C31X2-VLED Datasheet(HTML) 12 Page - ATMEL Corporation

Back Button TS80C31X2-VLED Datasheet HTML 8Page - ATMEL Corporation TS80C31X2-VLED Datasheet HTML 9Page - ATMEL Corporation TS80C31X2-VLED Datasheet HTML 10Page - ATMEL Corporation TS80C31X2-VLED Datasheet HTML 11Page - ATMEL Corporation TS80C31X2-VLED Datasheet HTML 12Page - ATMEL Corporation TS80C31X2-VLED Datasheet HTML 13Page - ATMEL Corporation TS80C31X2-VLED Datasheet HTML 14Page - ATMEL Corporation TS80C31X2-VLED Datasheet HTML 15Page - ATMEL Corporation TS80C31X2-VLED Datasheet HTML 16Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 42 page
background image
12
Rev. C - 15 January, 2001
TS80C31X2
6.3 TS80C31X2 Serial I/O Port
The serial I/O port in the TS80C31X2 is compatible with the serial I/O port in the 80C31.
It provides both synchronous and asynchronous communication modes. It operates as an Universal Asynchronous
Receiver and Transmitter (UART) in three full-duplex modes (Modes 1, 2 and 3). Asynchronous transmission and
reception can occur simultaneously and at different baud rates
Serial I/O port includes the following enhancements:
q
Framing error detection
q
Automatic address recognition
6.3.1 Framing Error Detection
Framing bit error detection is provided for the three asynchronous modes (modes 1, 2 and 3). To enable the framing
bit error detection feature, set SMOD0 bit in PCON register (See Figure 4).
Figure 4. Framing Error Block Diagram
When this feature is enabled, the receiver checks each incoming data frame for a valid stop bit. An invalid stop
bit may result from noise on the serial lines or from simultaneous transmission by two CPUs. If a valid stop bit
is not found, the Framing Error bit (FE) in SCON register (See Table 5.) bit is set.
RI
TI
RB8
TB8
REN
SM2
SM1
SM0/FE
IDL
PD
GF0
GF1
POF
-
SMOD0
SMOD1
To UART framing error control
SM0 to UART mode control (SMOD = 0)
Set FE bit if stop bit is 0 (framing error) (SMOD0 = 1)
SCON (98h)
PCON (87h)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com