Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS80C31X2-VCBB Datasheet(PDF) 27 Page - ATMEL Corporation

Part # TS80C31X2-VCBB
Description  8-bit CMOS Microcontroller ROMless
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TS80C31X2-VCBB Datasheet(HTML) 27 Page - ATMEL Corporation

Back Button TS80C31X2-VCBB Datasheet HTML 23Page - ATMEL Corporation TS80C31X2-VCBB Datasheet HTML 24Page - ATMEL Corporation TS80C31X2-VCBB Datasheet HTML 25Page - ATMEL Corporation TS80C31X2-VCBB Datasheet HTML 26Page - ATMEL Corporation TS80C31X2-VCBB Datasheet HTML 27Page - ATMEL Corporation TS80C31X2-VCBB Datasheet HTML 28Page - ATMEL Corporation TS80C31X2-VCBB Datasheet HTML 29Page - ATMEL Corporation TS80C31X2-VCBB Datasheet HTML 30Page - ATMEL Corporation TS80C31X2-VCBB Datasheet HTML 31Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 42 page
background image
Rev. C - 15 January, 2001
27
TS80C31X2
7.3 DC Parameters for Standard Voltage
TA =0
°Cto+70°C; V
SS =0V;VCC =5V ± 10%;F=0to40 MHz.
TA = -40
°Cto+85°C; V
SS =0V;VCC =5V ± 10%;F=0to40 MHz.
Table 14. DC Parameters in Standard Voltage
Symbol
Parameter
Min
Typ
Max
Unit
Test Conditions
VIL
Input Low Voltage
-0.5
0.2 VCC - 0.1
V
VIH
Input High Voltage except XTAL1, RST
0.2 VCC + 0.9
VCC + 0.5
V
VIH1
Input High Voltage, XTAL1, RST
0.7 VCC
VCC + 0.5
V
VOL
Output Low Voltage, ports 1, 2, 3 (6)
0.3
0.45
1.0
V
V
V
IOL = 100 µA
(4)
IOL = 1.6 mA
(4)
IOL = 3.5 mA
(4)
VOL1
Output Low Voltage, port 0 (6)
0.3
0.45
1.0
V
V
V
IOL = 200 µA
(4)
IOL = 3.2 mA
(4)
IOL = 7.0 mA
(4)
VOL2
Output Low Voltage, ALE, PSEN
0.3
0.45
1.0
V
V
V
IOL = 100 µA
(4)
IOL = 1.6 mA
(4)
IOL = 3.5 mA
(4)
VOH
Output High Voltage, ports 1, 2, 3
VCC - 0.3
VCC - 0.7
VCC - 1.5
V
V
V
IOH = -10 µA
IOH = -30 µA
IOH = -60 µA
VCC = 5 V ± 10%
VOH1
Output High Voltage, port 0
VCC - 0.3
VCC - 0.7
VCC - 1.5
V
V
V
IOH = -200 µA
IOH = -3.2 mA
IOH = -7.0 mA
VCC = 5 V ± 10%
VOH2
Output High Voltage,ALE, PSEN
VCC - 0.3
VCC - 0.7
VCC - 1.5
V
V
V
IOH = -100 µA
IOH = -1.6 mA
IOH = -3.5 mA
VCC = 5 V ± 10%
RRST
RST Pulldown Resistor
50
90 (5)
200
k
Ω
IIL
Logical 0 Input Current ports 1, 2 and 3
-50
µA
Vin = 0.45 V
ILI
Input Leakage Current
±10
µA
0.45 V < Vin < VCC
ITL
Logical 1 to 0 Transition Current, ports 1, 2, 3
-650
µA
Vin = 2.0 V
CIO
Capacitance of I/O Buffer
10
pF
Fc = 1 MHz
TA = 25
°C
IPD
Power Down Current
20 (5)
50
µA
2.0 V < VCC < 5.5 V
(3)
ICC
under
RESET
Power Supply Current Maximum values, X1
mode: (7)
1 + 0.4 Freq
(MHz)
@12MHz 5.8
@16MHz 7.4
mA
VCC = 5.5 V
(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com