Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DG408LE Datasheet(PDF) 2 Page - Vishay Siliconix

Part # DG408LE
Description  17ohm, 12 V / ± 5 V / 5 V / 3 V, 8-Ch / Dual 4-Ch High Performance Analog Multiplexers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG408LE Datasheet(HTML) 2 Page - Vishay Siliconix

  DG408LE Datasheet HTML 1Page - Vishay Siliconix DG408LE Datasheet HTML 2Page - Vishay Siliconix DG408LE Datasheet HTML 3Page - Vishay Siliconix DG408LE Datasheet HTML 4Page - Vishay Siliconix DG408LE Datasheet HTML 5Page - Vishay Siliconix DG408LE Datasheet HTML 6Page - Vishay Siliconix DG408LE Datasheet HTML 7Page - Vishay Siliconix DG408LE Datasheet HTML 8Page - Vishay Siliconix DG408LE Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
DG408LE, DG409LE
www.vishay.com
Vishay Siliconix
S16-0389-Rev.A, 07-Mar-16
2
Document Number: 78084
For technical questions, contact: analogswitchsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
QFN OUTLINE
Note
• For low and high voltage levels for VAX and VEN consult “Digital Control” parameters for specific V+ operation.
Note
• -T1 indicates tape and reel, -GE3 indicates lead (Pb)-free and RoHS-compliant, NO -GE3 indicates standard tin/lead finish.
• Exposed pad of QFN package can be connected to GND, V-, or left floating.
EN
A
0
A
1
A
2
S
4
DS
8
S
7
V-
S
1
S
2
S
3
GND
V+
S
5
S
6
Decoder/Driver
1
2
3
4
567
8
12
11
10
9
16
15
14
13
Decoder/Driver
V-
S
1a
S
2a
S
3a
1
2
3
4
S
4a
D
a
D
b
S
4b
56
78
V+
S
1b
S
2b
S
3b
12
11
10
9
EN
A
0
A
1
GND
16
15
14
13
DG408LE QFN16
(3 mm x 3 mm)
DG409LE QFN16
(3 mm x 3 mm)
TRUTH TABLE (DG408LE)
A2
A1
A0
EN
ON SWITCH
XXX
0
None
0001
1
0011
2
0101
3
0111
4
1001
5
1011
6
1101
7
1111
8
TRUTH TABLE (DG409LE)
A1
A0
EN
ON SWITCH
XX
0
None
00
1
1
01
1
2
10
1
3
11
1
4
ORDERING INFORMATION
TEMP. RANGE
CONFIGURATION
PACKAGE
PART NUMBER
MIN. ORDER / PACK. QUANTITY
-40 °C to +85 °C
Lead-free
8 Channel
Single Ended
DG408LE
16-pin TSSOP
DG408LEDQ-GE3
Tube 360 units
DG408LEDQ-T1-GE3
Tape and reel, 3000 units
16-pin SOIC
DG408LEDY-GE3
Tube 500 units
DG408LEDY-T1-GE3
Tape and reel, 2500 units
16-pin QFN
(3 mm x 3 mm)
Variation 2
DG408LEDN-T1-GE4
Tape and reel, 2500 units
Dual 4 Channel
Differential
DG409LE
16-pin TSSOP
DG409LEDQ-GE3
Tube 360 units
DG409LEDQ-T1-GE3
Tape and reel, 3000 units
16-pin SOIC
DG409LEDY-GE3
Tube 500 units
DG409LEDY-T1-GE3
Tape and reel, 2500 units
16-pin QFN
(3 mm x 3 mm)
Variation 2
DG409LEDN-T1-GE4
Tape and reel, 2500 units



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com