Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DG409LEDY-GE3 Datasheet(PDF) 10 Page - Vishay Siliconix

Part # DG409LEDY-GE3
Description  17ohm, 12 V / ± 5 V / 5 V / 3 V, 8-Ch / Dual 4-Ch High Performance Analog Multiplexers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG409LEDY-GE3 Datasheet(HTML) 10 Page - Vishay Siliconix

Back Button DG409LEDY-GE3 Datasheet HTML 6Page - Vishay Siliconix DG409LEDY-GE3 Datasheet HTML 7Page - Vishay Siliconix DG409LEDY-GE3 Datasheet HTML 8Page - Vishay Siliconix DG409LEDY-GE3 Datasheet HTML 9Page - Vishay Siliconix DG409LEDY-GE3 Datasheet HTML 10Page - Vishay Siliconix DG409LEDY-GE3 Datasheet HTML 11Page - Vishay Siliconix DG409LEDY-GE3 Datasheet HTML 12Page - Vishay Siliconix DG409LEDY-GE3 Datasheet HTML 13Page - Vishay Siliconix DG409LEDY-GE3 Datasheet HTML 14Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
DG408LE, DG409LE
www.vishay.com
Vishay Siliconix
S16-0389-Rev.A, 07-Mar-16
10
Document Number: 78084
For technical questions, contact: analogswitchsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
SCHEMATIC DIAGRAM (Typical Channel)
Fig. 1
TEST CIRCUITS
Fig. 2 - Transition Time
EN
A0
S1
D
V+
Sn
V-
Decode/
Drive
Level
Shift
V-
V+
AX
GND
Voltage Regulator
Body
Snatcher
V-
V-
V-
A1
A0
A2
A1
A0
V+
V-
EN
V+
V-
GND
D
35 pF
VO
S1
S2 - S7
S8
50
300
VS8
VS1
V+
V-
EN
V+
V-
GND
35 pF
VO
S1b
S1a - S4a, Da
S4b
300
Db
Logic
Input
Switch
Output
VS1
VO
tTRANS
tr < 20 ns
tf < 20 ns
S8 ON (DG408LE)
or
S4 ON (DG409LE)
S1 ON
tTRANS
50 %
VS8
50 %
90 %
3 V
0 V
DG408LE
DG409LE
VSB4
VS1
3 V
3 V
VAX
50
90 %



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com