Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS30 Datasheet(PDF) 2 Page - Copal Electronics

Part # PS30
Description  PRESSURE SWITCHES WITH GAUGE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

PS30 Datasheet(HTML) 2 Page - Copal Electronics

  PS30_16 Datasheet HTML 1Page - Copal Electronics PS30_16 Datasheet HTML 2Page - Copal Electronics PS30_16 Datasheet HTML 3Page - Copal Electronics PS30_16 Datasheet HTML 4Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PS30
Permissible change
± 2 %F.S. maximum after test
※1
Item
Model number
102R
103R
■
STANDARD SPECIFICATIONS
Pressure reference
Gauge
Non-corrosive gases
− 100 ~ 100
− 100 ~ 1000
200
1500
500
2000
− 10 ~ 50
0 ~ 50
35 ~ 85(No condensation)
− 20 ~ 70(Atmospheric pressure, humidity 65 %RH maximum)
Approx. 60(Including 1.5 m cable)
12 ~ 24 V ± 10 %(Including ripple voltage)
40
± 3 %F.S. (0 ~ 50 °C)
100 (DC 500 V)
500 V AC, 60 s(Leakage current 1 mA maximum)
M5 female screw, “O” ring groove (P8)
LED(
2 and 1/2 digit)
− 100 ~ 100
———
———
− 0.10 ~ 1.00
± 1 %F.S.
1 count
Open collector output (NPN or PNP)
30 V DC 100 mA maximum 
Short-circuit protection
1.2 V (NPN), 2.2 V (PNP)
Output 1 (SW1), Output 2 (SW2) Light on when output is ON.
0 ~ 30 counts(Adjustable)
± 0.3 maximum
Approx 5, 25, 250(Adjustable)
2
Pressure medium
Rated pressure range
kPa
Maximum pressure kPa
Break-down pressure
kPa
Operating temp. range
°C
Compensated temp. range
°C
Operating humidity
%RH
Storage temp.
°C
Net weight
g
Supply voltage
V DC
Consumption current
mA maximum
Thermal error
Insulation resistance
MΩminimum
Dielectric strength
Pressure port
Display element
Rated display range
kPa
MPa
Display accuracy
Resolution
No. of outputs
Output interface
Switching capacity
Residual voltage
V maximum
Display
Switch
hysteresis
Repeatability
%F.S.
Response
ms
●
Unless otherwise specified, the specs are defined at an ambient temperature of 25 ± 5 °C and excitation voltage of 24 V DC.
PS30
PRESSURE SWITCHES WITH GAUGE
※ 1 
Change in the pressure indication, switch operating points.
■
ENVIRONMENTAL CHARACTERISTICS
Test item
Test conditions
Vibration
10 ~ 500 Hz, 98.1 m/s2 or 1.5 mm P-P, 3 directions for 2 hours each
490 m/s2, 3 directions for 3 times each
0 ~ Rated pressure、106 cycles
40 °C, 90 ~ 95 %RH, 240 hrs.
EMI : EN55011: 2007, A2 : 2007 Group 1, class B 
EMS : EN61326-1 : 2006 Table 2
Switch operating pressure : ± 5 %F.S., maximum during tset
※1
Shock
Pressure cycling
Moisture resistance
EMC



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com