Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T2526 Datasheet(PDF) 4 Page - ATMEL Corporation

Part # T2526
Description  LOW-VOLTAGE IR RECEIVER ASSP
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T2526 Datasheet(HTML) 4 Page - ATMEL Corporation

  T2526 Datasheet HTML 1Page - ATMEL Corporation T2526 Datasheet HTML 2Page - ATMEL Corporation T2526 Datasheet HTML 3Page - ATMEL Corporation T2526 Datasheet HTML 4Page - ATMEL Corporation T2526 Datasheet HTML 5Page - ATMEL Corporation T2526 Datasheet HTML 6Page - ATMEL Corporation T2526 Datasheet HTML 7Page - ATMEL Corporation T2526 Datasheet HTML 8Page - ATMEL Corporation T2526 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
T2526
4597C–AUTO–11/03
4
Controlled Amplifier and Filter
4.1
Maximum value of
variable gain (CGA)
G
VARMAX
51
dB
D
4.2
Minimum value of variable
gain (CGA)
G
VARMIN
-5
dB
D
4.3
Total internal
amplification
(3)
GMAX
71
dB
D
4.4
Center frequency fusing
accuracy of bandpass
V
S = 3 V, Tamb = 25°C
f
03V_FUSE
-2.5
f
0
+2.5
%
A
4.5
Overall accuracy center
frequency of bandpass
f
03V
-5.5
f
0
+3.5
%
C
4.6
Overall accuracy center
frequency of bandpass
Tamb = 0 to 70°C
f03V
-4.5
f0
+3.0
%
C
4.7
BPF bandwidth
-3 dB; f
0 = 38 kHz;
See Figure 9 on page 8
B
3.8
kHz
C
Electrical Characteristics, 3-V Operation (Continued)
Tamb = 25°C, VS = 3 V unless otherwise specified.
No.
Parameters
Test Conditions
Pin
Symbol
Min.
Typ.
Max.
Unit
Type*
*) Type means: A =100% tested, B = 100% correlation tested, C = Characterized on samples, D = Design parameter
Notes:
1. Depending on version, see “Ordering Information”
2. BER = bit error rate; e.g., BER = 5% means that with P = 20 at the input pin 19...21 pulses can appear at the pin OUT
3. After transformation of input current into voltage
Electrical Characteristics, 5-V Operation
T
amb = 25°C, VS = 5 V unless otherwise specified.
No.
Parameters
Test Conditions
Pin
Symbol
Min.
Typ.
Max.
Unit
Type*
5
Supply
5.1
Supply-voltage range
1
V
S
4.5
5.0
5.5
V
C
5.2
Supply current
I
IN =0
1
I
S
0.9
1.2
1.6
mA
B
6
Output
6.1
Internal pull-up resistor
(1)
T
amb = 25°C
See Figure 12 on page 9
1, 3
R
PU
30/40
k
W
A
6.2
Output voltage low
R
2 = 2.4 kW
See Figure 12 on page 9
3, 6
V
OL
250
mV
B
6.3
Output voltage high
3, 1
VOH
VS - 0.25
Vs
V
B
6.4
Output current clamping
R2 = 0
See Figure 12 on page 9
3, 6
I
OCL
8
mA
B
7
Input
7.1
Input DC current
V
IN = 0
See Figure 12 on page 9
5
I
IN_DCMAX
-400
µA
C
7.2
Input DC-current
See Figure 6 on page 7
V
IN = 0; Vs = 5 V
T
amb = 25°C
5
I
IN_DCMAX
-700
µA
B
*) Type means: A =100% tested, B = 100% correlation tested, C = Characterized on samples, D = Design parameter
Notes:
1. Depending on version, see “Ordering Information”
2. BER = bit error rate; e.g., BER = 5% means that with P = 20 at the input pin 19...21 pulses can appear at the pin OUT
3. After transformation of input current into voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com