Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS85 Datasheet(PDF) 3 Page - Copal Electronics

Part # PS85
Description  PRESSURE SWITCHES
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

PS85 Datasheet(HTML) 3 Page - Copal Electronics

  PS85 Datasheet HTML 1Page - Copal Electronics PS85 Datasheet HTML 2Page - Copal Electronics PS85 Datasheet HTML 3Page - Copal Electronics PS85 Datasheet HTML 4Page - Copal Electronics PS85 Datasheet HTML 5Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
PS85
PRESSURE SWITCHES
Dielectric strength
Sealed liquid
Pressure port
Net weight
Drip-proof structure
R2 : Approx. 165, GF : Approx. 180, G2 : Approx. 170
IP-65
800 V AC, 60 s(Leakage current 1 mA maximum)
Silicone oil
R 1/4、G 3/8(Flash diaphragm)
、G 1/4 ※1
※1 An “O” ring is provided as accessory. (G 3/8 : P18, G 1/4 : P15)
g
No. of outputs
Output interface
Setting method
Adjustable range
Display
Hysteresis
Accuracy
0 ~ 50 °C(Reference temp.: 25 °C)
Switching capacity
Residual voltage
Response
Consumption current
2
Open collector output (NPN or PNP)
Adjustable by VR
0 ~ 100 %
0 ~ 108 %
Output mode
Upper and upper limite mode/Upper and lower limite mode
SW1 : Red LED ON, SW2 : Green LED ON
± 3
2
30 V DC 100 mA 以下
0.8 (NPN), 1.2 (PNP)
Approx. 2
20 mA
Supply voltage
10.8 ~ 30(Including ripple percentage)
V DC
maximum
%F.S.
%F.S.
maximum
ms
V
■ ENVIRONMENTAL CHARACTERISTICS
Test item
Test conditions (At 25
± 5 °C)
Permissible change
Vibration
10 ~ 500 Hz, 1.5 mm maximum/98.1 m/s2,
3 directions for 2 hours each
490 m/s2
3 directions for 3 times each
106 cycles
Rated pressure range
40 °C, 90 ~ 95 %RH, 240 hrs.
Switch output setting:
± 1 %F.S. maximum
Shock
Pressure cycling
Moisture resistance
Item
Model number
PS85
102R
352R
103R
102A
■ STANDARD SPECIFICATIONS
O Unless otherwise specified, the specs are defined at an ambient temperature of 25±5 °C and excitation voltage of 12 V DC.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com