Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD02AV Datasheet(PDF) 2 Page - C&K Components

Part # BD02AV
Description  Standard Profile DIP Switches
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

BD02AV Datasheet(HTML) 2 Page - C&K Components

  BD02AV Datasheet HTML 1Page - C&K Components BD02AV Datasheet HTML 2Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
H
H–17
Dimensions are shown: Inch (mm)
Specifications and dimensions subject to change
www.ck-components.com
8
7
6
4
3
2
1
ON
0.050
(1,27)
.089
(2,26)
0.061 TYP.
(1,55)
0.030
(0,77)
0.297
(7,55)
.100
(2,54)
.020 TYP.
(0,51)
.100 TYP.
(2,54)
.010
(0,25)
.006
(0,16)
DIM.A
.380
(9,65)
.046 DIA TYP.
(1,17ø)
.100
(2,54)
.100 TYP.
(2,54)
.080
(2,03)
.032
(0,82)
TYP.
5
.320
(8,12)
.125
(3,18)
QUANTITY
PART NUMBER
NO.POS.
DIM. ‘A’
PER TUBE
BD02AV
2
.280 (7,11)
72
BD03AV
3
.380 (9,65)
52
BD04AV
4
.480 (12,19)
42
BD05AV
5
.580 (14,73)
35
BD06AV
6
.680 (17,27)
29
BD07AV
7
.780 (19,81)
26
BD08AV
8
.880 (22,35)
23
BD09AV
9
.980 (24,89)
20
BD10AV
10
1.080 (27,43)
18
BD12AV
12
1.280 (32,51)
15
Schematic
SPST
BD Series
Standard Profile DIP Switches
Open Base and AV Right Angle Terminal Style
Installation, Soldering and Cleaning
All BD Series Standard Profile DIP Switches can be hand soldered or machine soldered without the use of boot, caps,
tapes or special attention. Open base washable models have unique design, allowing solvent cleaners and water/detergent
solutions to flush and clean the electrical contacts of the contaminants and fluxes. For best results, follow these directions:
1) Wave soldering recommended at 500° F (260ºC) solder temperature.
2) Hand solder using 30 watt small tip iron controlled at 500° F (260ºC), 10 seconds max./terminal.
3) Open base washable models: Clean flux using forced rinse, high agitation or triple bath cleaning method.
DO NOT mask or cover switch in any way during cleaning. Switch is designed for easy solvent flush out.
4) All switch actuators must be in ‘OFF’ position during soldering and cleaning processes.
BD08AV



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com