Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI3302-03 Datasheet(PDF) 13 Page - Vicor Corporation

Part # PI3302-03
Description  11V to 36VIN, 5 Vout, 15A, Cool-Power ZVS Buck Regulator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

PI3302-03 Datasheet(HTML) 13 Page - Vicor Corporation

Back Button PI3302-03 Datasheet HTML 9Page - Vicor Corporation PI3302-03 Datasheet HTML 10Page - Vicor Corporation PI3302-03 Datasheet HTML 11Page - Vicor Corporation PI3302-03 Datasheet HTML 12Page - Vicor Corporation PI3302-03 Datasheet HTML 13Page - Vicor Corporation PI3302-03 Datasheet HTML 14Page - Vicor Corporation PI3302-03 Datasheet HTML 15Page - Vicor Corporation PI3302-03 Datasheet HTML 16Page - Vicor Corporation PI3302-03 Datasheet HTML 17Page - Vicor Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
Cool-Power®
Rev 1.1
vicorpower.com
Page 13 of 17
05/2016
800 927.9474
PI3302-03
Layout Guidelines
To optimize maximum efficiency and low noise performance
from a PI3302-03 design, layout considerations are necessary.
Reducing trace resistance and minimizing high current loop
returns along with proper component placement will contribute
to optimized performance.
A typical buck converter circuit is shown in Figure 16. The
potential areas of high parasitic inductance and resistance are
the circuit return paths, shown as LR below.
The path between the COUT and CIN capacitors is of particular
importance since the AC currents are flowing through both of
them when Q1 is turned on. Figure 17, schematically, shows the
reduced trace length between input and output capacitors. The
shorter path lessens the effects that copper trace parasitics can
have on the PI3302-03 performance.
When Q1 is on and Q2 is off, the majority of CIN’s current is used
to satisfy the output load and to recharge the COUT capacitors.
When Q1 is off and Q2 is on, the load current is supplied by the
inductor and the COUT capacitor as shown in Figure 18. During
this period CIN is also being recharged by the VIN. Minimizing CIN
loop inductance is important to reduce peak voltage excursions
when Q1 turns off. Also, the difference in area between the CIN
loop and COUT loop is vital to minimize switching and GND noise.
The recommended component placement, shown in Figure 19,
illustrates the tight path between CIN and COUT (and VIN and
VOUT) for the high AC return current. This optimized layout is
used on the PI3302-03 evaluation board.
C
OUT
C
IN
V
IN
Figure 16 — Typical Buck Converter
C
OUT
V
IN
C
IN
Figure 17 — Current flow: Q1 closed
C
OUT
V
IN
C
IN
Figure 18 — Current flow: Q2 closed
C
OUT
C
IN
V
IN
V
OUT
GND
GND
VSW
Figure 19 — Recommended component placement and
metal routing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com