Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KXT2 Datasheet(PDF) 1 Page - C&K Components

Part # KXT2
Description  Double Action Ultra Low Profile Top Actuated
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

KXT2 Datasheet(HTML) 1 Page - C&K Components

  KXT2 Datasheet HTML 1Page - C&K Components KXT2 Datasheet HTML 2Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
B–112
Dimensions are shown: mm
Specifications and dimensions subject to change
www.ck-components.com
B
Electrical
MAXIMUM VOLTAGE:
12 VDC
MAXIMUM CURRENT DC:
50 mA
DIELECTRIC STRENGTH:
250 V (50 Hz, 1 min.)
CONTACT RESISTANCE:
≤ 500 mΩ
INSULATION RESISTANCE:
100 M
Ω
BOUNCE TIME:
≤ 10 ms
Environmental
OPERATING TEMPERATURE: -40˚C to 85˚C
STORAGE TEMPERATURE: -40˚C to 85˚C
Process
SOLDERING: This component is suited to the following methods:
Infrared Reflow Soldering in accordance with IEC61760-1
Packaging
In reels of 6,000 pieces
Dimensions of reels according to EIA RS481 or IEC 2863
External diameter 178 mm ± 2mm
NOTE: Specifications listed above are for switches with standard options.
For information on specific and custom switches, consult Customer Service Center.
Features
• 3.9 x 3.0 mm footprint
• 1.05 mm thickness
• Dual action
Typical Applications
• Wearable electronics
• Mobile Phones
• Portable Electronics
Specification
FUNCTION: momentary action
CONTACT ARRANGEMENT: Dual action = SPDT, N.O.
TERMINALS: G type for SMT
TRAVEL: 0.1 mm ± 0.05 mm
TRAVEL: 0.2 mm + 0.1 / - 0.05 mm
Mechanical
Operating force gf
Operating Life
KXT 211 LHS
Push force 1
100 ± 40
100,000
Push force 2
200 ± 50
K
X
T
2
1
1
Contact Material
1 Silver
Part Number Description
For any part number different from those listed above, please consult your local representative.
L
H
S
LHS Lead free, RoHS, Halogen Free, Silver plated
KXT2 Series
Double Action Ultra Low Profile Top Actuated


Similar Part No. - KXT2

ManufacturerPart #DatasheetDescription
logo
C&K Components
KXT CK-COMPONENTS-KXT Datasheet
131Kb / 2P
Ultra Low Profile Top Actuated
KXT111LHS CK-COMPONENTS-KXT111LHS Datasheet
131Kb / 2P
Ultra Low Profile Top Actuated
KXT121LHS CK-COMPONENTS-KXT121LHS Datasheet
131Kb / 2P
Ultra Low Profile Top Actuated
KXT131LHS CK-COMPONENTS-KXT131LHS Datasheet
131Kb / 2P
Ultra Low Profile Top Actuated
KXT3 CK-COMPONENTS-KXT3 Datasheet
216Kb / 2P
High number of cycle
More results

Similar Description - KXT2

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SKSD ALPS-SKSD Datasheet
192Kb / 3P
4.1횞3.9mm Low-profile Double Action (Surface Mount Type)
logo
C&K Components
GDS CK-COMPONENTS-GDS Datasheet
142Kb / 1P
Ultra Low Profile Micro Mini Side Actuated Detect Switch
PTS530 CK-COMPONENTS-PTS530 Datasheet
283Kb / 3P
Ultra Low Profile SMT Top Actuated
KMR211GLFS CK-COMPONENTS-KMR211GLFS Datasheet
161Kb / 2P
Microminiature SMT Top Actuated
logo
ALPS ELECTRIC CO.,LTD.
SKSD ALPS-SKSD_15 Datasheet
669Kb / 3P
0.6mm low-profile, double action type
SKSK ALPS-SKSK Datasheet
781Kb / 3P
0.6mm Low-profile double action type
logo
C&K Components
KXT CK-COMPONENTS-KXT Datasheet
131Kb / 2P
Ultra Low Profile Top Actuated
KXT3 CK-COMPONENTS-KXT3_V01 Datasheet
212Kb / 2P
Ultra Low Profile Top Actuated
16 Sep 19
PTS530 CK-COMPONENTS-PTS530_V01 Datasheet
234Kb / 2P
Ultra Low Profile SMT Top Actuated
14 Nov 22
PTS540 CK-COMPONENTS-PTS540_V01 Datasheet
150Kb / 2P
Ultra Low Profile SMT Top Actuated
14 Nov 22
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com