Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM393M Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM393M
Description  Low Power Low Offset Voltage Dual Comparators
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM393M Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM393M Datasheet HTML 1Page - National Semiconductor (TI) LM393M Datasheet HTML 2Page - National Semiconductor (TI) LM393M Datasheet HTML 3Page - National Semiconductor (TI) LM393M Datasheet HTML 4Page - National Semiconductor (TI) LM393M Datasheet HTML 5Page - National Semiconductor (TI) LM393M Datasheet HTML 6Page - National Semiconductor (TI) LM393M Datasheet HTML 7Page - National Semiconductor (TI) LM393M Datasheet HTML 8Page - National Semiconductor (TI) LM393M Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
LM193/LM293/LM393/LM2903
Low Power Low Offset Voltage Dual Comparators
General Description
The LM193 series consists of two independent precision
voltage comparators with an offset voltage specification as
low as 2.0 mV max for two comparators which were de-
signed specifically to operate from a single power supply
over a wide range of voltages. Operation from split power
supplies is also possible and the low power supply current
drain is independent of the magnitude of the power supply
voltage. These comparators also have a unique characteris-
tic in that the input common-mode voltage range includes
ground, even though operated from a single power supply
voltage.
Application areas include limit comparators, simple analog to
digital converters; pulse, squarewave and time delay gen-
erators; wide range VCO; MOS clock timers; multivibrators
and high voltage digital logic gates. The LM193 series was
designed to directly interface with TTL and CMOS. When
operated from both plus and minus power supplies, the
LM193 series will directly interface with MOS logic where
their low power drain is a distinct advantage over standard
comparators.
The LM393 and LM2903 parts are available in National’s
innovative thin micro SMD package with 8 (12 mil) large
bumps.
Advantages
n
High precision comparators
n
Reduced V
OS drift over temperature
n
Eliminates need for dual supplies
n
Allows sensing near ground
n
Compatible with all forms of logic
n
Power drain suitable for battery operation
Features
n
Wide supply
— Voltage range:
2.0V to 36V
— Single or dual supplies:
±1.0V to ±18V
n
Very low supply current drain (0.4 mA) — independent
of supply voltage
n
Low input biasing current:
25 nA
n
Low input offset current:
±5nA
n
Maximum offset voltage:
±3mV
n
Input common-mode voltage range includes ground
n
Differential input voltage range equal to the power
supply voltage
n
Low output saturation voltage,:
250 mV at 4 mA
n
Output voltage compatible with TTL, DTL, ECL, MOS
and CMOS logic systems
n
Available in the 8-Bump (12 mil) micro SMD package
n
See AN-1112 for micro SMD considerations
Squarewave Oscillator
Non-Inverting Comparator with Hysteresis
00570938
00570909
August 2002
© 2002 National Semiconductor Corporation
DS005709
www.national.com


Similar Part No. - LM393M

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
LM393M FAIRCHILD-LM393M Datasheet
77Kb / 8P
Dual Differential Comparator
logo
Estek Electronics Co. L...
LM393M ESTEK-LM393M Datasheet
108Kb / 2P
Dual Differential Comparators
logo
Texas Instruments
LM393M TI1-LM393M Datasheet
447Kb / 17P
LM193/LM293/LM393/LM2903 Low Power Low Offset Voltage Dual Comparators
LM393M TI1-LM393M Datasheet
1Mb / 24P
LM193/LM293/LM393/LM2903 Low Power Low Offset Voltage Dual Comparators
logo
Fairchild Semiconductor
LM393M FAIRCHILD-LM393M Datasheet
155Kb / 8P
Dual Differential Comparator
More results

Similar Description - LM393M

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
MNLM193A-X NSC-MNLM193A-X Datasheet
172Kb / 12P
LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
logo
List of Unclassifed Man...
AZ393 ETC1-AZ393 Datasheet
238Kb / 9P
LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
logo
BCD Semiconductor Manuf...
AS393 BCDSEMI-AS393 Datasheet
65Kb / 2P
LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
AZ393 BCDSEMI-AZ393_06 Datasheet
238Kb / 10P
LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
logo
Taiwan Semiconductor Co...
TS393 TSC-TS393_09 Datasheet
244Kb / 7P
Low Power Low Offset Voltage Dual Comparators
logo
Texas Instruments
LM193-N TI1-LM193-N_15 Datasheet
1Mb / 29P
Low-Power, Low-Offset Voltage, Dual Comparators
logo
Guangdong Kexin Industr...
KM393N KEXIN-KM393N Datasheet
80Kb / 2P
Low Power Low Offset Voltage Dual Comparators
logo
ARTSCHIP ELECTRONICS CO...
LM193 ARTSCHIP-LM193 Datasheet
489Kb / 15P
Low Power Low Offset Voltage Dual Comparators
logo
AiT Semiconductor Inc.
AO393V AITSEMI-AO393V Datasheet
778Kb / 10P
LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
REV1.0
logo
Diodes Incorporated
AS393 DIODES-AS393 Datasheet
426Kb / 14P
LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
September 2018 Rev. 3 - 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com