Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM24 Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM24
Description  Monolithic Triple 3 ns CRT Driver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM24 Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button LM24 Datasheet HTML 2Page - National Semiconductor (TI) LM24 Datasheet HTML 3Page - National Semiconductor (TI) LM24 Datasheet HTML 4Page - National Semiconductor (TI) LM24 Datasheet HTML 5Page - National Semiconductor (TI) LM24 Datasheet HTML 6Page - National Semiconductor (TI) LM24 Datasheet HTML 7Page - National Semiconductor (TI) LM24 Datasheet HTML 8Page - National Semiconductor (TI) LM24 Datasheet HTML 9Page - National Semiconductor (TI) LM24 Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Application Hints (Continued)
cathode pin of the CRT connector. This is done to minimize
the length of the video path between these two components.
The direct video path is shown in by a dark gray line through
the components and the PCB traces. Note also that D24,
D25, R58 and D19 are placed to keep the size of the video
nodes to a minimum (R58 is located under D19). This mini-
mizes parasitic capacitance in the video path and also en-
hances the effectiveness of the protection diodes. The traces
in the video nodes to these components are shown by the
white line. The anode of protection diode D25 is connected
directly to the ground plane giving a short and direct path to
the LM2402 ground pins. The cathode of D24 is connected
to V
CC very close to decoupling capacitor C78 (Figure 13)
which is connected to the same section of the ground plane
as D25. The diode placement and routing is very important
for minimizing the voltage stress on the LM2402 during an
arc-over event. Lastly, notice that S3 is placed very close to
the blue cathode and is tied directly to CRT ground.
www.national.com
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com