Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC654T Datasheet(PDF) 24 Page - Microchip Technology

Part # TC654T
Description  Dual SMBus??PWM Fan Speed Controllers With Fan Fault Detection
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC654T Datasheet(HTML) 24 Page - Microchip Technology

Back Button TC654T Datasheet HTML 20Page - Microchip Technology TC654T Datasheet HTML 21Page - Microchip Technology TC654T Datasheet HTML 22Page - Microchip Technology TC654T Datasheet HTML 23Page - Microchip Technology TC654T Datasheet HTML 24Page - Microchip Technology TC654T Datasheet HTML 25Page - Microchip Technology TC654T Datasheet HTML 26Page - Microchip Technology TC654T Datasheet HTML 27Page - Microchip Technology TC654T Datasheet HTML 28Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 38 page
background image
TC654/TC655
DS20001734C-page 24
 2002-2014 Microchip Technology Inc.
7.4
FanSense Network (RSENSE &
CSENSE)
The network comprised of RSENSE and CSENSE allows
the TC654/TC655 devices to detect commutation of the
fan motor. RSENSE converts the fan current into a volt-
age. CSENSE AC couples this voltage signal to the
SENSE pins (SENSE1 and SENSE2). The goal of the
SENSE network is to provide a voltage pulse to the
SENSE pin that has a minimum amplitude of 120 mV.
This will ensure that the current pulse caused by the
fan commutation is recognized by the TC654/TC655
device.
A 0.1 µF ceramic capacitor is recommended for
CSENSE. Smaller values will require larger sense resis-
tors be used. Using a 0.1 µF capacitor results in rea-
sonable values for RSENSE. Figure 7-5 illustrates a
typical SENSE network.
FIGURE 7-5:
Typical Sense Network.
The value of RSENSE will change with the current rating
of the fan. A key point is that the current rating of the
fan specified by the manufacturer may be a worst case
rating. The actual current drawn by the fan may be
lower than this rating. For the purposes of setting the
value for RSENSE, the operating fan current should be
measured.
Table 7-1 shows values of RSENSE according to the
nominal operating current of the fan. The fan currents
are average values. If the fan current falls between two
of the values listed, use the higher resistor value.
TABLE 7-1:
RSENSE VS. FAN CURRENT
Figure 7-6 shows some typical waveforms for the fan
current and the voltage at the Sense pins.
FIGURE 7-6:
Typical Fan Current and
Sense Pin Waveforms.
7.5
Output Drive Device Selection
The TC654/TC655 is designed to drive two external
NPN transistors or two external N-channel MOSFETs
as the fan speed modulating elements. These two
arrangements are shown in Figure 7-7. For lower cur-
rent fans, NPN transistors are a very economical
choice for the fan drive device. It is recommended that,
for higher-current fans (500 mA and above), MOSFETs
be used as the fan drive device. Table 7-2 provides
some possible part numbers for use as the fan drive
element.
When using an NPN transistor as the fan drive ele-
ment, a base current limiting resistor must be used.
This is shown in Figure 7-7.
When using MOSFETs as the fan drive element, it is
very easy to turn the MOSFETs on and off at very high
rates. Because the gate capacitances of these small
FAN
FAN
RISO1
RISO2
RSENSE2
RSENSE1
CSENSE2
CSENSE1
12
SENSE2
SENSE1
VOUT
(0.1 µF typical)
(0.1 µF typical)
715
715
Note:
See Table 7-1 for RSENSE1 and RSENSE2 values.
RISO2
Nominal Fan Current
(mA)
RSENSE (ohm)
50
9.1
100
4.7
150
3.0
200
2.4
250
2.0
300
1.8
350
1.5
400
1.3
450
1.2
500
1.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com