Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC654EUN Datasheet(PDF) 17 Page - Microchip Technology

Part # TC654EUN
Description  Dual SMBus??PWM Fan Speed Controllers With Fan Fault Detection
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC654EUN Datasheet(HTML) 17 Page - Microchip Technology

Back Button TC654EUN Datasheet HTML 13Page - Microchip Technology TC654EUN Datasheet HTML 14Page - Microchip Technology TC654EUN Datasheet HTML 15Page - Microchip Technology TC654EUN Datasheet HTML 16Page - Microchip Technology TC654EUN Datasheet HTML 17Page - Microchip Technology TC654EUN Datasheet HTML 18Page - Microchip Technology TC654EUN Datasheet HTML 19Page - Microchip Technology TC654EUN Datasheet HTML 20Page - Microchip Technology TC654EUN Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 38 page
background image
 2002-2014 Microchip Technology Inc.
DS20001734C-page 17
TC654/TC655
6.0
REGISTER SET
The TC654/TC655 devices contain 9 registers that pro-
vide a variety of data and functionality control to the
outside system. These registers are listed below in
Table 6-1. Of key importance is the command byte
information, which is needed in the read and write pro-
tocols in order to select the individual registers.
TABLE 6-1:
COMMAND BYTE ASSIGNMENTS
6.1
RPM-OUTPUT1 & RPM-OUTPUT2
Registers (RPM1 & RPM2)
As discussed in Section 4.7 “Sensing Fan Operation
(SENSE1 & SENSE2)”, fan current pulses are detected
at the SENSE1 and SENSE2 inputs of the TC654/
TC655 device. The current pulse information is used to
calculate the fan RPM. The fan RPM data for fans 1 and
2 is then written to registers RPM1 and RPM2, respec-
tively. RPM1 and RPM2 are 9-bit registers that provide
the RPM information in 50 RPM (8-bit) or 25 RPM (9-
bit) increments. This is selected via RES (bit 6<0>) in
the Configuration Register, with ‘0’ = 50 RPM and
‘1’ = 25 RPM. The default state is zero (50 RPM). The
maximum fan RPM value that can be read is
12775 RPM. If this value is exceeded, R2CO (bit 4<0>)
and R1CO (bit 3<0>) in the Status Register will be set to
a '1' to indicate that a counter overflow of the respective
RPM register has occurred. Register 6-1 shows the
RPM output register 9-bit format.
REGISTER 6-1:
RPM OUTPUT REGISTERS (RPM1 & RPM2)
Register
Command
Read
Write
POR Default State
Function
RPM1
0000 0000
X—
0 0000 0000
RPM Output 1
RPM2
0000 0001
X—
0 0000 0000
RPM Output 2
FAN_FAULT1
0000 0010
XX
0000 1010
Fan Fault 1 Threshold
FAN_FAULT2
0000 0011
XX
0000 1010
Fan Fault 2 Threshold
CONFIG
0000 0100
XX
0000 1010
Configuration
STATUS
0000 0101
X—
00X0 0X00
Status. See Section 6.4 “Status
Register (Status)”, Status Register
explanation of X
DUTY_CYCLE
0000 0110
XX
0000 0010
Fan Speed Duty Cycle
MFR_ID
0000 0111
X—
0101 0100
Manufacturer Identification
VER_ID
0000 1000
X—
0000 000X
Version Identification:
(X = ‘0’ TC654, X = ‘1’ TC655)
D(8)
D(7)
D(6)
D(5)
D(4)
D(3)
D(2)
D(1)
D(0)
RPM
0000000000
000000001
25
000000010
50
.........
.........
111111110
12750
111111111
12775



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com