Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSDWI03 Datasheet(PDF) 2 Page - Total Power International

Part # MSDWI03
Description  Input Filter meets EN 55022,class A and FCC, level A
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOTAL-POWER [Total Power International]
Direct Link  http://www.total-power.com
Logo TOTAL-POWER - Total Power International

MSDWI03 Datasheet(HTML) 2 Page - Total Power International

  MSDWI03 Datasheet HTML 1Page - Total Power International MSDWI03 Datasheet HTML 2Page - Total Power International MSDWI03 Datasheet HTML 3Page - Total Power International MSDWI03 Datasheet HTML 4Page - Total Power International  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MSDWI03 SERIES
DC/DC CONVERTER 3W, SMD Package
Output Specifications
Parameter
Conditions
Min.
Typ.
Max.
Unit
Output Voltage Setting Accuracy
At 50% Load and Nominal Vin
---
---
±2.0
%Vom.
Output Voltage Balance
Dual Output, Balanced Loads
---
±1.0
±2.0
%
Line Regulation
Vin=Min. to Max.
---
±0.5
±1.0
%
Load Regulation
Io=15% to 100%
---
±0.5
±1.2
%
Ripple & Noise (20MHz)
---
50
100
mV P-P
Transient Recovery Time
---
300
600
μsec
Transient Response Deviation
25% Load Step Change
---
±3
---
%
Temperature Coefficient
---
±0.01
±0.02
%/
℃
Over Load Protection
Foldback
110
150
---
%
Short Circuit Protection
Continuous
General Specifications
Parameter
Conditions
Min.
Typ.
Max.
Unit
I/O Isolation Voltage (rated)
60 Seconds
1500
---
---
VDC
I/O Isolation Resistance
500 VDC
1000
---
---
MΩ
I/O Isolation Capacitance
100KHz, 1V
---
350
500
pF
Switching Frequency
---
350
---
KHz
MTBF (calculated)
MIL-HDBK-217F@25
℃, Ground Benign
300,000
---
---
Hours
Moisture Sensitivity Level (MSL)
IPC/JEDEC J-STD-020D
Level 2
Safety Approvals
UL/cUL 60950-1 recognition(CSA certificate), IEC/EN 60950-1(CB-scheme)
Input Fuse
24V Input Models
48V Input Models
1500mA Slow-Blow Type
800mA Slow-Blow Type
Remote On/Off Control
Parameter
Conditions
Min.
Typ.
Max.
Unit
Converter On
2.5V ~ 5.5V or Open Circuit
Converter Off
-0.7V ~ 0.8V
Control Input Current (on)
Vctrl = Min. to Max.
---
---
-400
μA
Control Input Current (off)
Vctrl = Min. to Max.
---
---
-400
μA
Control Common
Referenced to Negative Input
Standby Input Current
---
---
5
mA
Environmental Specifications
Parameter
Conditions
Min.
Max.
Unit
Operating Ambient Temperature Range (See Power Derating Curve)
Natural Convection
-40
+80
℃
Case Temperature
---
+105
℃
Storage Temperature Range
-50
+125
℃
Humidity (non condensing)
---
95
% rel. H
Cooling
Free-Air convection
Lead Temperature (1.5mm from case for 10Sec.)
---
260
℃
Power Derating Curve
(3.3& 5V Output)
(all other output)
Tota
Total Power International, Inc.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com