Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP9844 Datasheet(PDF) 9 Page - Microchip Technology

Part # MCP9844
Description  짹1째C Accurate, 1.8V Digital Temperature Sensor
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP9844 Datasheet(HTML) 9 Page - Microchip Technology

Back Button MCP9844_14 Datasheet HTML 5Page - Microchip Technology MCP9844_14 Datasheet HTML 6Page - Microchip Technology MCP9844_14 Datasheet HTML 7Page - Microchip Technology MCP9844_14 Datasheet HTML 8Page - Microchip Technology MCP9844_14 Datasheet HTML 9Page - Microchip Technology MCP9844_14 Datasheet HTML 10Page - Microchip Technology MCP9844_14 Datasheet HTML 11Page - Microchip Technology MCP9844_14 Datasheet HTML 12Page - Microchip Technology MCP9844_14 Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 40 page
background image
 2013 Microchip Technology Inc.
DS20005192B-page 9
MCP9844
4.1.5
DATA VALID
After the Start condition, each bit of data in the
transmission needs to be settled for a time specified by
tSU-DATA before SCL toggles from low-to-high (see
Serial Interface Timing Specifications
table).
4.1.6
ACKNOWLEDGE (ACK/NAK)
Each receiving device, when addressed, is obliged to
generate an ACK bit after the reception of each byte.
The master device must generate an extra clock pulse
for ACK to be recognized.
The acknowledging device pulls down the SDA line for
tSU-DATA before the low-to-high transition of SCL from
the master. SDA also needs to remain pulled down for
tH-DATA after a high-to-low transition of SCL.
During read, the master must signal an End-of-Data
(EOD) to the slave by not generating an ACK bit (NAK)
once the last bit has been clocked out of the slave. In
this case, the slave will leave the data line released to
enable the master to generate the Stop condition.
4.1.7
TIME OUT (TOUT)
If the SCL stays low or high for time specified by tOUT,
the MCP9844 resets the serial interface. This dictates
the minimum clock speed as specified in the
specification.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com