Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP8026-115E/MP Datasheet(PDF) 9 Page - Microchip Technology

Part # MCP8026-115E/MP
Description  3-Phase Brushless DC (BLDC) Motor Gate Driver with Power Module, Sleep Mode, and LIN Transceiver
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP8026-115E/MP Datasheet(HTML) 9 Page - Microchip Technology

Back Button MCP8026-115E/MP Datasheet HTML 5Page - Microchip Technology MCP8026-115E/MP Datasheet HTML 6Page - Microchip Technology MCP8026-115E/MP Datasheet HTML 7Page - Microchip Technology MCP8026-115E/MP Datasheet HTML 8Page - Microchip Technology MCP8026-115E/MP Datasheet HTML 9Page - Microchip Technology MCP8026-115E/MP Datasheet HTML 10Page - Microchip Technology MCP8026-115E/MP Datasheet HTML 11Page - Microchip Technology MCP8026-115E/MP Datasheet HTML 12Page - Microchip Technology MCP8026-115E/MP Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 64 page
background image
 2016 Microchip Technology Inc.
DS20005339B-page 9
MCP8025/6
Digital Input Rising Threshold
VDIG_HI_TH
1.26
—
—
V
Digital Input Falling Threshold
VDIG_LO_TH
—
—
0.54
V
Digital Input Hysteresis
VDIG_HYS
—
500
—
mV
Digital Input Current
IDIG
—
30
100
µA
VDIG =3.0V
—0.2
—
VDIG =0V
Analog Low-Voltage Input
ANALOGVIN
0—
5.5
V
Excludes LIN and high-voltage
pins
Analog Low-Voltage Output
ANALOGVOUT
0—
VOUT5
V
Excludes LIN and high-voltage
pins
BIAS GENERATOR
+12V Regulated Charge Pump
Charge Pump Current
ICP
20
—
—
mA
VDD =9.0V
Charge Pump Start
CPSTART
11.0
11.5
—
V
VDD falling
Charge Pump Stop
CPSTOP
—
12.0
12.5
V
VDD rising
Charge Pump Frequency
(50% charging/
50% discharging)
CPFSW
—76.80
—
kHz
VDD =9.0V
—0
—
VDD = 13V (stopped)
Charge Pump Switch
Resistance
CPRDSON
—14
—
RDSON sum of high side and
low side
Output Voltage
VOUT12
—12
—
V
VDD  7.5V, CPUMP =100 nF
IOUT =20mA
—9
—
VDD = 5.1V, CPUMP = 260 nF
IOUT =15mA
Output Voltage Tolerance
|TOLVOUT12|—
—
4.0
%
IOUT =1 mA
Output Current
IOUT
30
—
—
mA
Average current
Output Current Limit
ILIMIT
40
50
—
mA
Average current
Output Voltage Temperature
Coefficient
TCVOUT12
—
50
—
ppm/°C
Line Regulation
|
VOUT/
(VOUT x VDD)
|
—
0.1
0.5
%/V
13V < VDD < 19V
IOUT =20mA
Load Regulation
|
VOUT/VOUT|—
0.2
0.5
%
IOUT = 0.1 mA to 15 mA
Power Supply Rejection Ratio
PSRR
—
60
—
dB
f = 1 kHz
IOUT =10mA
+5V Linear Regulator
Output Voltage
VOUT5
—5
—
V
VDD =VOUT5 +1V
IOUT =1 mA
Output Voltage Tolerance
|TOLVOUT5|—
—
4.0
%
Output Current
IOUT
30
—
—
mA
Average current
Output Current Limit
ILIMIT
40
50
—
mA
Average current
Output Voltage Temperature
Coefficient
|TCVOUT5|
—
50
—
ppm/°C
AC/DC CHARACTERISTICS (CONTINUED)
Electrical Specifications:
Unless otherwise noted, TJ = -40°C to +150°C, typical values are for +25°C, VDD =13V.
Parameters
Symbol
Min.
Typ.
Max.
Units
Conditions
Note 1:
1000 hour cumulative maximum for ROM data retention (typical).
2:
Limits are by design, not production tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com