Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HV7321 Datasheet(PDF) 27 Page - Microchip Technology

Part # HV7321
Description  4-Ch. 5-Level 짹80V High-Voltage Ultrasound Pulser with T/R Switches
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HV7321 Datasheet(HTML) 27 Page - Microchip Technology

Back Button HV7321 Datasheet HTML 22Page - Microchip Technology HV7321 Datasheet HTML 23Page - Microchip Technology HV7321 Datasheet HTML 24Page - Microchip Technology HV7321 Datasheet HTML 25Page - Microchip Technology HV7321 Datasheet HTML 26Page - Microchip Technology HV7321 Datasheet HTML 27Page - Microchip Technology HV7321 Datasheet HTML 28Page - Microchip Technology HV7321 Datasheet HTML 29Page - Microchip Technology HV7321 Datasheet HTML 30Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 27 / 30 page
background image
 2016 Microchip Technology Inc.
DS20000000A-page 27
HV7321
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
PART NO.
XX
Package
Device
Device:
HV7321: 4-Ch. 5-Level ±80V High-Voltage Ultrasound Pulser
with T/R Switches
Package:
K6 =
Very Thin Plastic Quad Flat Pack, No Lead Package,
9.00 x9.00 x1.0 mm Body, 0.50 mm Pitch, 64-Lead
(VQFN)
Environmental:
G =
Lead (Pb)-free/ROHS-compliant package
Examples:
a)
HV7321K6-G: 4-Ch. 5-Level ±80V High-Voltage
Ultrasound Pulser with T/R Switches
64LD 9x9 mm VQFN package
-X
Environmental



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com