Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPES18 Datasheet(PDF) 2 Page - Total Power International

Part # TPES18
Description  DIVERSE AC PLUGS AVAILABLE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOTAL-POWER [Total Power International]
Direct Link  http://www.total-power.com
Logo TOTAL-POWER - Total Power International

TPES18 Datasheet(HTML) 2 Page - Total Power International

  TPES18 Datasheet HTML 1Page - Total Power International TPES18 Datasheet HTML 2Page - Total Power International  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MODEL NO.DESCRIPTION: TPES18 - X X X YYY - S
AC PLUG TYPE:
OUTPUT CURRENT
OUTPUT VOLTAGE
SERIES NAME (Total Power External Switcher) : About 18W
[1]WM1, [2]WM2, [3]WM3, [4]WM4,
[5]WM5, [6]WM6,[6G]WM6G
[7]DT7(IEC320 3-pin or 3L-pin),
[8]DT8(IEC320 2-pin).
[A]PT1,[B]PT2,[C]PT3,[D]PT4
[E]PT5,[F]PT6,[G]PT7,
OUTPUT VOLTAGE / CURRENT RATINGS CHART
DEFINED OUTPUT VOLTAGE(Vdc)
OUTPUT VOLTAGE (Vdc) / CURRENT (A)
3.3 Vdc ≤Any Voltage <12.0 Vdc
3.3-5.0V/2.8-3.0A, 5.1-5.4V/2.95-2.8A, 5.5-5.9V/2.76-2.6A,
6.0-6.9V/2.56-2.3A, 7.0-7.9V/2.3-2.0A, 8.0-8.9V/2.0-1.85A,
9.0-10.0V/1.84-1.7A, 10.1-11.9V/1.7-1.52A.
12.0Vdc ≤Any Voltage ≤24.0 Vdc
12.0-15.0V/1.5-1.2A. 15.1-18.0V/1.19-1.0A
18.1-20.0V/0.99-0.90A 20.1-22.5V/0.89-0.80A
22.6-24.0V/ 0.79-0.75A
Note: Refer to the upper Chart or consult factory for the exact Model No. and V/A ratings.
SINGLE OUTPUT (Model No. for example.)
MODEL NO.
AC PLUG
O/P VOLTAGE (Vdc)
O/P CURRENT (A)
FORMAT
TPES18-033280-1
WM1
3.3V
2.80A
Wallmount
TPES18-050300-3
WM3
5.0V
3.00A
Wallmount
TPES18-070230-5
WM5
7.0V
2.30A
Wallmount
TPES18-090184-6
WM6
9.0V
1.84A
Wallmount
TPES18-120150-7
DT7
12.0V
1.50A
Desktop
TPES18-150120-8
DT8
15.0V
1.20A
Desktop
TPES18-240075-G
PT7
24.0V
0.75A
Mouse-PT
MECHANICAL DIMENSIONS: MM [INCHES]
WEIGHT: HES18-WM 168
.0g (5.93 Oz.)
TOTAL POWER INT'L Tel: 877-646-0900 Fax: 978-453-7395
Email: sales@total-power.com http://www.total-power.com
-2-



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com