Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI3301-X1 Datasheet(PDF) 21 Page - Vicor Corporation

Part # PI3301-X1
Description  8V to 36Vin, 15A Cool-Power ZVS Buck Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

PI3301-X1 Datasheet(HTML) 21 Page - Vicor Corporation

Back Button PI3301-X1 Datasheet HTML 17Page - Vicor Corporation PI3301-X1 Datasheet HTML 18Page - Vicor Corporation PI3301-X1 Datasheet HTML 19Page - Vicor Corporation PI3301-X1 Datasheet HTML 20Page - Vicor Corporation PI3301-X1 Datasheet HTML 21Page - Vicor Corporation PI3301-X1 Datasheet HTML 22Page - Vicor Corporation PI3301-X1 Datasheet HTML 23Page - Vicor Corporation PI3301-X1 Datasheet HTML 24Page - Vicor Corporation PI3301-X1 Datasheet HTML 25Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
vicorpower.com
Rev 1.3
Cool-Power®
800 735.6200
09/2015
Page 21 of 26
PI33XX-X1
Application Description
Output Voltage Trim
The PI33XX-X1 family of Buck Regulators provides
four common output voltages: 1.0V, 1.8V, 2.5V, and
3.3V. A post-package trim step is implemented to
offset any resistor divider network errors ensuring
maximum output accuracy. With a single resistor
connected from the ADJ pin to SGND or REM, each
device’s output can be varied above or below the
nominal set voltage (with the exception of the
PI3311-X1 which can only be above the set voltage
of 1V).
Device
Output Voltage
Set
Range
PI3311-X1-LGIZ
1.0V
1.0 to 1.4V
PI3318-X1-LGIZ
1.8V
1.4 to 2.0V
PI3312-X1-LGIZ
2.5V
2.0 to 3.1
V
PI3301-X1-LGIZ
3.3V
2.3 to 4.1
V
Table 3 - PI33XX-X1 family output voltage ranges
The remote pin (REM) should always be connected
to
the VOUT pin, if not used, to prevent an output
voltage offset. Figure 4 shows the internal feedback
voltage divider network.
Figure 4 - Internal resistor divider network
R1,
R2, and R4 are all internal 1.0 % resistors and
R_low and R_high are external resistors for which
the designer can add to modify VOUT to a desired
output.
The internal resistor value for each
regulator is listed below in Table 4.
Device
R1
R2
R4
PI3311-X1-LGIZ
1k
Open
100
PI3318-X1-LGIZ
0.806k
1.0k
100
PI3312-X1-LGIZ
1.5k
1.0k
100
PI3301-X1-LGIZ
2.61k
1.13k
100
Table 4 - PI33XX-X1 Internal divider values
By
choosing an output voltage value within the
ranges stated in Table 3, VOUT can simply be
adjusted up or down by selecting the proper R_high
or R_low value, respectively.
The following
equations can be used to calculate R_high and R_low
values:
(
)
(
)
( )
(
)
(
)
( )
If,
for example, a 4.0V output is needed, the user
should choose the regulator with a trim range
covering 4.0V from Table 3. For this example, the
PI3301 is selected (3.3V set voltage). First step
would be to use Equation (1) to calculate R_high
since the required output voltage is higher than the
regulator set voltage. The resistor-divider network
values for the PI3301 are can be found in Table 4 and
are R1=2.61kΩ and R2=1.13kΩ. Inserting these
values in to Equation (1), R_high is calculated as
follows:
(
)
(
)
Resistor R-high would be connected as in Figure 4 to
achieve the 4.0V regulator output. No R_low resistor
would be used since in this example the trim is
above the regulator set voltage.
The PI3311-X1 output voltage can only be trimmed
higher than the factory 1V setting. The following
+
-
ADJ
REM
VOUT
R2
R1
R4
SGND
R_low
R_high
1.0Vdc



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com