Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MM1104CF Datasheet(PDF) 3 Page - Mitsumi Electronics, Corp.

Part # MM1104CF
Description  Monolithic IC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUMI [Mitsumi Electronics, Corp.]
Direct Link  https://www.mitsumi.co.jp/index_e.html
Logo MITSUMI - Mitsumi Electronics, Corp.

MM1104CF Datasheet(HTML) 3 Page - Mitsumi Electronics, Corp.

  MM1104CF Datasheet HTML 1Page - Mitsumi Electronics, Corp. MM1104CF Datasheet HTML 2Page - Mitsumi Electronics, Corp. MM1104CF Datasheet HTML 3Page - Mitsumi Electronics, Corp. MM1104CF Datasheet HTML 4Page - Mitsumi Electronics, Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MITSUMI
IC for Headphone Stereos MM1104
Block Diagram (Example of Application Circuits)
Characteristics
10
1.0
0.1
0.01
10
100
1k
10k
Output voltage (mVrms)
RL=30k
Ω
f=1kHz
VCC=1.8V
VCC=2.0V
VCC=3.0V
THD-POUT
Preamp
10
1.0
0.1
0.01
10
100
1k
10k
Output voltage (mVrms)
VCC=1.8V
VCC=2.0V
VCC=3.0V
THD-VOUT
RL=16
Ω
f=1kHz
Power amp
Item
Symbol
Measurement conditions
Min. Typ. Max. Units
Bridge ratio fluctuation IK1
K fluctuation for
VCC=1.5 to 3.5V, VCC=3.0V ref.
0.1
0.2
%/V
Bridge ratio fluctuation II
K2
K fluctuation for
IM=25 to 200m A, IM=100mA ref.
0.05
0.2
%/mA
Bridge ratio fluctuation III
K3
K fluctuation for
Ta=-10 to 60°C, Ta=25°C ref.
0.01
%/°C
Measurement conditions: Except where noted otherwise, VCC=3V, IM=100mA, SW11=OFF, SW12=ON



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com