Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MD2134 Datasheet(PDF) 2 Page - Supertex, Inc

Part # MD2134
Description  High Speed Ultrasound Beamforming Source Driver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

MD2134 Datasheet(HTML) 2 Page - Supertex, Inc

  MD2134 Datasheet HTML 1Page - Supertex, Inc MD2134 Datasheet HTML 2Page - Supertex, Inc MD2134 Datasheet HTML 3Page - Supertex, Inc MD2134 Datasheet HTML 4Page - Supertex, Inc MD2134 Datasheet HTML 5Page - Supertex, Inc MD2134 Datasheet HTML 6Page - Supertex, Inc MD2134 Datasheet HTML 7Page - Supertex, Inc MD2134 Datasheet HTML 8Page - Supertex, Inc MD2134 Datasheet HTML 9Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
MD2134
Supertex inc.
www.supertex.com
Doc.# DSFP-MD2134
C102412
Absolute Maximum Ratings
Parameter
Value
V
LL, Logic supply
-0.5V to +3.5V
V
DD, Positive supply
-0.5V to +6V
V
PA, VPB Driver outputs
-0.5V to +6V
V
SUB, Ground
0V
Operating temperature
0°C to +70°C
Storage temperature
-65°C to +150°C
Absolute Maximum Ratings are those values beyond which damage to the device may
occur. Functional operation under these conditions is not implied. Continuous operation
of the device at the absolute rating level may affect device reliability. All voltages are
referenced to device ground.
Operating Supply Voltages
(Over operating conditions unless otherwise specified, V
LL = +2.5V, VDD = +5V, VREF = 2.5V, RFB = 71.1kΩ, TA = 25°C, DAC = 0)
Sym
Parameter
Min
Typ
Max
Units Conditions
V
LL
Logic supply
2.25
-
2.75
V
T
A = 0 to 70°C
V
DD
Power supply
4.75
5.0
5.25
V
I
LLQ
V
LL supply current EN = 0
-
0.1
1.0
µA
Standby condition
I
DDQ
V
DD supply current EN = 0
-
0.2
1.0
I
LLEN
V
LL supply current EN = 1
-
5.0
20
µA
f
SCK = 0, all logic input, no transit
I
DDEN
V
DD supply current EN = 1
-
5.0
12
mA
I
LL50
V
LL supply current EN = 1
-
1.0
3.0
mA
f
SCK = 50MHz, CW, M[0:3] = 0
I
DD50
V
DD supply current EN = 1
-
40
85
mA
f
SCK = 0 , Input = 50MHz, CW
Output Characteristics
(Over operating conditions unless otherwise specified, V
LL = +2.5V, VDD = +5V, VREF = 2.5V, RFB = 71.1kΩ, TA = 25°C)
Sym
Parameter
Min
Typ
Max
Units Conditions
I
MAX-A/B
Full scale output peak current
2.88
-
3.52
A
DAC = 255, Level = 127
I
OO-A/B
Output current offset
-
0.5
2.0
mA
DAC = 0
V
PA/B
Output voltage range,
+10% of I
PA/B
5.3
5.8
-
V
I
PA/B = 1.0A
5.0
5.5
-
I
PA/B = 1.5A
4.5
5.0
-
I
PA/B = 3.0A
Output voltage range,
-10% of I
PA/B
-
1.0
1.5
I
PA/B = 1.0A
-
1.2
1.7
I
PA/B = 1.5A
-
1.8
2.3
I
PA/B = 3.0A
Pin Configuration
Package Marking
MD2134
LLLLLL
YYWW
AAACCC
L = Lot Number
YY = Year Sealed
WW = Week Sealed
A = Assembler ID
C = Country of Origin
= “Green” Packaging
1
40
Package may or may not include the following marks: Si or
40-Lead QFN (K7)
40-Lead QFN (K7)
(top view)
Ordering Information
Part Number
Package
Packing
MD2134K7-G
40-Lead (5x5) QFN
490/ Tray
Typical Thermal Resistance
Package
θ
ja
40-Lead QFN
26OC/W



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com